Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1313TF-3-0.1-1-01 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1313TF-3-0.1-1-01
Description  METALLIZED POLYPROPYLENE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313TF-3-0.1-1-01 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1313TF-3-0.1-1-01 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-01 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured
at 1 KHz + 20 HZ. Capacitors >1.0 MFD
shall be measured at 60 HZ. Measurements
shall be taken at 25 OC.
TYPICAL TEMPERATURE CURVES
METALLIZED POLYPROPYLENE
-55
-25
0
25
50
85
105
-55
-25
0
25
50
85
105
Temperature (OC)
0
DISSIPATION FACTOR VS. TEMPERATURE
CAPACITANCE CHANGE VS. TEMPERATURE
Temperature (OC)
Temperature (OC)
+25
+50
+85
+105
INSULATION RESISTANCE VS. TEMPERATURE
10
3
ELECTRONIC FILM CAPACITORS, INC.
10
7
10
6
10
5
10
4
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
METALLIZED POLYPROPYLENE
1. TEMPERATURE RANGE
- 55 OC to + 85 OC at rated voltage.
To 105 OC with 25% voltage derating.
3. DIELECTRIC STRENGTH
At 25 OC, 150% of rated voltage when applied
terminal to terminal for one minute through a
current limiting resistance.
7. LIFE TEST
Will withstand the application of 150% rated voltage at +85 0C for 250 hours
with not more than one failure in 12 permitted.
.15
.10
.05
_
6. DISSIPATION FACTOR
Shall be 0.1 % max. when measured as in Par. 2.
0
-2.0
-3.0
-1.0
-4.0
+2.0
+1.0
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage
or 500 VDC, whichever is less, the minimum IR shall
be 80,000 Megohm-Microfarads, but need not exceed
120,000 Megohms.
5. HUMIDITY RESISTANCE
Series 1213 shall meet the requirements
of MIL-STD. 202C, Method 103B.
SERIES 1213
SPECIFICATIONS
EFC Series 1213 are metallized polypropylene capacitors. This series offers the advantage
of superior stability, self healing, high insulation resistance, low dissipation factor and high
frequency operation. Suggested applications include: timing circuits, switch mode power
supplies (SMPS). Packaging options include: wrap and fill (TF, TC), radial lead box (EFR),
axial lead (EC, EF). Application options include: switching power supply (SP).


Similar Part No. - 1313TF-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1313TF-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1213 EFC-SP1213 Datasheet
35Kb / 4P
   METALLIZED POLYPROPYLENE
logo
Kemet Corporation
C9TS6MD5830AARX KEMET-C9TS6MD5830AARX Datasheet
73Kb / 1P
   Metallized Polypropylene
C9TS5MD5920AARX KEMET-C9TS5MD5920AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD6154AARX KEMET-C9TS5MD6154AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD6137AARX KEMET-C9TS6MD6137AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD5770AARX KEMET-C9TS5MD5770AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD5685AARX KEMET-C9TS6MD5685AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
List of Unclassifed Man...
DCP6I06780E000XXXX ETC2-DCP6I06780E000XXXX Datasheet
154Kb / 3P
   Metallized Polypropylene
logo
Kemet Corporation
C9TS5MD5311AARX KEMET-C9TS5MD5311AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com