Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3525AC22O22T Datasheet(PDF) 11 Page - ams AG

Part # A3525AC22O22T
Description  Advanced Audio Processor System
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

A3525AC22O22T Datasheet(HTML) 11 Page - ams AG

Back Button A3525AC22O22T Datasheet HTML 7Page - ams AG A3525AC22O22T Datasheet HTML 8Page - ams AG A3525AC22O22T Datasheet HTML 9Page - ams AG A3525AC22O22T Datasheet HTML 10Page - ams AG A3525AC22O22T Datasheet HTML 11Page - ams AG A3525AC22O22T Datasheet HTML 12Page - ams AG A3525AC22O22T Datasheet HTML 13Page - ams AG A3525AC22O22T Datasheet HTML 14Page - ams AG A3525AC22O22T Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
11
- 194
6
Electrical Specifications
6.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. The device should be operated under recommended
operating conditions.
Table 1
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VIN_SUP
digital supply pins
-0.5
3.7
V
Applicable for pins vdd_peri, vdd_mem,
usb_vdda33t1, usb_vdda33t2,
usb_vdda33t3, usb_vdda33c
VIN_CORE
digital core supply pins
-0.5
1.68
V
Applicable for pins vdd_core
VIN_VB1V
single cell supply voltage
-0.5
5.0
V
Applicable for pin VBAT_1V
VIN_5V
5V pins
-0.5
7.0
V
Applicable for pins BVDD, CHG_IN,
VBUS
VIN_SW15
15V pin
-0.5
17
V
Applicable for pins SW15
VIN_VSS
Voltage difference at VSS
terminals
-0.5
0.5
V
Applicable for pins VSS3,VSS15,
VSSCP, BVSS, BVSS2, AVSS, DVSS,
vss_core, vss_peri, vss_mem,
usb_vssa33t, usb_vssa33c
VIN_DVDD
3.3V pins with diode to DVDD
-0.5
5.0
DVDD+0.5
V
Applicabel for pins MCLK, LRCK, SCLK,
SDI, P_PVDD, BATTEMP, ISINK,
XIN_32K, XOUT_32K, XIN_24M,
XOUT_24M, INTRQ, XRES, CP_1V,
CN_1V, CN_5V
VIN_xDVDD
pins with no diode to DVDD
-0.5
7.0V
V
Applicable for pins
CSCL, CSDA, PWR_UP, CP_5V
VIN_AVDD
3.3V pins with diode to AVDD
-0.5
5.0
AVDD+0.5
V
Applicable for pins BGND, HPH_CM,
HPGD, LOUTL/R, VREF, AGND,
LIN1L/R, LIN2L/R, MIC1_P/N,
MIC2_P/N, MSUP1, MSUP2
VIN_REG
voltage regulator pins with
diodes to BVDD
-0.5
5.0
BVDD+0.5
V
Applicable for pins AVDD, QLDO2,
DVDD, PVDD, CPVDD, CVDD, UVDD
VIN_RVDD
voltage regulator pin with
diode to BVDD
-0.5
3.6
BVDD+0.5
V
Applicable for pins RVDD
VIN_BVDD
pins with diode to BVDD
-0.5
7.0
BVDD+0.5
V
Applicable for pins LSPR/L, HPR/L,
CHG_OUT, SW3
Iscr
Input Current (latchup
immunity)
-100
100
mA
Norm: JEDEC 17
ESD
Electrostatic Discharge HBM
+/-1
kV
Norm: JEDEC JESD22-A114C (1)
ESD_USB
Electrostatic Discharge HBM
for USB Pins
+/-2
kV
Norm: JEDEC JESD22-A114C
(Pins: usb_dp, usb_dm, usb_vbus)
Pt
Total Power Dissipation (all
supplies and outputs)
1000
mW
Valid for CTBGA144 package
H
Humidity non-condensing
5
85
%
(1)
Electrostatic discharge of XIN24 and XOUT24 pin is +/-600V for C21O20


Similar Part No. - A3525AC22O22T

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A3520 ALPHA-MICRO-A3520 Datasheet
295Kb / 2P
   DC motor controller IC, providing a single chip solution
More results

Similar Description - A3525AC22O22T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
   AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com