Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3910-BQFP Datasheet(PDF) 7 Page - ams AG

Part # AS3910-BQFP
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910-BQFP Datasheet(HTML) 7 Page - ams AG

Back Button AS3910-BQFP Datasheet HTML 3Page - ams AG AS3910-BQFP Datasheet HTML 4Page - ams AG AS3910-BQFP Datasheet HTML 5Page - ams AG AS3910-BQFP Datasheet HTML 6Page - ams AG AS3910-BQFP Datasheet HTML 7Page - ams AG AS3910-BQFP Datasheet HTML 8Page - ams AG AS3910-BQFP Datasheet HTML 9Page - ams AG AS3910-BQFP Datasheet HTML 10Page - ams AG AS3910-BQFP Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
7 - 47
AS3910
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 8 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
DC supply voltage (VDD)
-0.5
5
V
Input pin voltage (all except TRIM pins), (VIN)
-0.5
5
V
Input pin voltage TRIM pins, (VINTRIM)
-0.5
30
V
Input current (latchup immunity), (ISCR)
-100
100
mA
Norm: Jedec 78
ESD
±2
kV
Norm: MIL 883 E method
3015 (Human Body Model)
Total power dissipation (all supplies and outputs),
(Pt)
<tbd>
mW
Exposed pad soldered and connected to PCB ground.
Storage temperature, (Tstrg)
-55
125
ºC
Package body temperature, (Tbody)
260
ºC
Norm: IPC/JEDEC J-STD-020C.
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
Humidity non-condensing
585
%


Similar Part No. - AS3910-BQFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3910-BQFT AMSCO-AS3910-BQFT Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
More results

Similar Description - AS3910-BQFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354 Datasheet
581Kb / 50P
   13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
logo
Texas Instruments
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com