Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1206 Datasheet(PDF) 3 Page - Electronic Film Capacitors, Inc.

Part # MF1206
Description  POLYPROPYLENE SNUBBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

MF1206 Datasheet(HTML) 3 Page - Electronic Film Capacitors, Inc.

  MF1206 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. MF1206 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. MF1206 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. MF1206 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. MF1206 Datasheet HTML 5Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRONIC FILM CAPACITORS, INC.
PHONE (203) 755-5629
FAX (203) 755-0659
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
DIMENSIONS and RATINGS
0.001
0.0012
0.0015
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
CAP.
µµµµµF
inches (mm)
inches (mm)
MF1206TF-3
1000VDC/350VAC
MF1206TF
inches (mm)
inches (mm)
inches (mm)
MF1206TF-3
T
HL
1250VDC/400VAC
+
<
><
L _.050"
>
1.625"
Min.
W
<
>
+
EFC
MF1206TF
_ .050"
+
T
Oval
Wrap and Fill
.050"
_
inches (mm)
T
HL
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
0.130
(3.4)
0.150
(3.9)
0.189
(4.5)
0.210
(5.3)
0.240
(6.0)
0.269
(6.5)
0.160
(4.1)
0.180
(4.6)
0.200
(5.1)
0.230
(5.8)
0.240
(6.1)
0.270
(6.9)
0.300
(7.7)
0.350
(8.9)
0.380
(9.6)
0.370
(9.4)
0.420
(9.7)
0.470 (12.0)
0.520 (13.2)
0.260
(6.6)
0.280
(7.1)
0.300
(7.7)
0.370
(9.5)
0.400 (10.3)
0.450 (11.5)
0.290
(7.3)
0.310
(7.8)
0.330
(7.8)
0.350
(9.0)
0.410 (10.3)
0.440 (11.1)
0.470 (12.0)
0.520 (13.1)
0.570 (14.6)
0.540 (13.6)
0.590 (14.9)
0.640 (16.2)
0.690 (17.5)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.2)
1.190 (30.2)
1.190 (30.2)
1.190 (30.2)
0.160
(4.1)
0.180
(4.6)
0.210
(5.2)
0.260
(6.6)
0.160
(4.1)
0.180
(4.6)
0.190
(4.7)
0.210
(5.3)
0.230
(6.0)
0.270
(6.8)
0.290
(7.3)
0.300
(7.6)
0.340
(8.6)
0.340
(8.6)
0.360
(9.2)
0.410 (10.4)
0.470 (11.8)
0.290
(7.2)
0.300
(7.7)
0.330
(8.4)
0.390
(9.8)
0.290
(7.3)
0.310
(7.8)
0.350
(8.9)
0.380
(9.6)
0.400 (10.2)
0.430 (11.0)
0.480 (12.2)
0.500 (12.6)
0.530 (13.6)
0.540 (13.7)
0.610 (15.4)
0.650 (16.6)
0.710 (18.0)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.2)
1.190 (30.2)
1.190 (30.2)
1.190 (30.2)
0.001
0.0012
0.0015
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
CAP.
µµµµµF
inches (mm)
inches (mm)
MF1206TF-3
1600VDC/500VAC
inches (mm)
inches (mm)
inches (mm)
MF1206TF-3
T
HL
2000VDC/560VAC
inches (mm)
T
HL
0.160
(3.9)
0.180
(4.5)
0.210
(5.3)
0.180
(4.5)
0.200
(5.1)
0.210
(5.3)
0.230
(5.9)
0.250
(6.4)
0.280
(7.1)
0.300
(7.5)
0.340
(8.5)
0.310
(7.9)
0.350
(8.9)
0.400 (10.2)
0.450 (11.5)
0.400 (10.2)
0.420 (10.7)
0.450 (11.5)
0.300
(7.7)
0.330
(8.3)
0.380
(9.6)
0.400 (10.2)
0.450 (11.4)
0.480 (12.1)
0.540 (13.8)
0.580 (14.7)
0.550 (14.1)
0.590 (15.1)
0.650 (16.4)
0.700 (17.7)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.2)
1.190 (30.2)
0.130
(3.3)
0.130
(3.3)
0.130
(3.3)
0.170
(4.2)
0.190
(4.9)
0.220
(5.6)
0.250
(6.3)
0.280
(7.1)
0.320
(8.0)
0.360
(9.1)
0.320
(8.1)
0.360
(9.3)
0.410 (10.4)
0.470 (12.0)
0.370
(9.5)
0.370
(9.5)
0.370
(9.5)
0.410 (10.4)
0.440 (11.1)
0.470 (11.8)
0.490 (12.5)
0.530 (13.4)
0.560 (14.2)
0.600 (15.3)
0.570 (14.4)
0.610 (15.5)
0.650 (15.6)
0.720 (18.2)
0.750 (19.1)
0.750 (19.1)
0.750 (19.1)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
0.968 (24.6)
1.190 (30.2)
Snubber Capacitors
Polypropylene


Similar Part No. - MF1206

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MF1206 LAMBDA-MF1206 Datasheet
181Kb / 3P
   Band wide:150kHz ~ 30MHz, 2 stage filter?
logo
Electronic Film Capacit...
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR-3 EFC-MF1206DFR-3 Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
More results

Similar Description - MF1206

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
M1206 EFC-M1206 Datasheet
45Kb / 5P
   POLYPROPYLENE SNUBBER
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
   Snubber Capacitors Polypropylene
SP1213TC EFC-SP1213TC Datasheet
14Kb / 1P
   Snubber Capacitors Metallized Polypropylene
logo
Cornell Dubilier Electr...
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com