Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1313TF-3-0.01-1-42 Datasheet(PDF) 6 Page - Electronic Film Capacitors, Inc.

Part # 1313TF-3-0.01-1-42
Description  POLYESTER (MYLAR) and FOIL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313TF-3-0.01-1-42 Datasheet(HTML) 6 Page - Electronic Film Capacitors, Inc.

  1313TF-3-0.01-1-42 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313TF-3-0.01-1-42 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
<
>
µµµµµF
T
H
L
T
H
L
T
H
L
T
H
L
T
H
L
1306EF-1
50 VDC
1306EF-2
100 VDC
1306EF-2
150 VDC
1306EF-3
200 VDC
1306EF-3
400 VDC
DIMENSIONS and RATINGS
1306EF
Cap.
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.570
.570
.570
.570
.570
.550
.550
.550
.570
.570
.570
.670
.670
.820
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
<
><
L _.010"
>
1.625"
Min.
_ .010"
+
+_ .010"
H
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG
Epoxy Case
(Axial Leads)
EFC
1306EF
+
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.170
.170
.170
.170
.170
.170
.230
.230
.230
.290
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.560
.560
.560
T
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Polyester (Mylar )
and Foil
Capacitors
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
1306EF-3
600 VDC
T
H
L
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.170
.170
.170
.170
.170
.230
.230
.230
.230
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.390
.560
.560
.560
.560
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.570
.570
.570
.550
.550
.550
.550
.570
.570
.570
.670
.670
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.240
1.240
1.240
.160
.160
.160
.160
.160
.160
.160
.160
.160
.170
.170
.170
.170
.170
.230
.230
.230
.230
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.560
.560
.560
.560
.240
.240
.240
.240
.240
.240
.240
.240
.240
.290
.290
.290
.290
.290
.360
.360
.360
.360
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.720
.720
.720
.720
.240
.240
.240
.240
.240
.240
.290
.290
.290
.290
.290
.290
.360
.360
.360
.360
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.720
.720
.720
.720
.420
.420
.420
.420
.420
.420
.420
.420
.570
.570
.570
.570
.550
.550
.550
.550
.570
.670
.670
.670
.670
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240
.160
.160
.160
.170
.170
.170
.170
.170
.230
.230
.230
.230
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.390
.560
.560
.560
.240
.240
.240
.290
.290
.290
.290
.290
.360
.360
.360
.360
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.540
.720
.720
.720
.170
.170
.170
.170
.230
.230
.290
.290
.290
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.390
.560
.560
.560
.570
.570
.570
.570
.550
.550
.570
.570
.570
.670
.670
.670
.670
.820
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.240
1.240
.290
.290
.290
.290
.360
.360
.420
.420
.420
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.540
.720
.720
.720
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.570
.570
.570
.570
.550
.550
.550
.550
.570
.570
.670
.670
.670
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240
.240
.240
.240
.240
.240
.240
.240
.240
.240
.240
.290
.290
.290
.290
.290
.360
.360
.360
.360
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.540
.720
.720
.720
.720
.240
.240
.240
.240
.240
.240
.240
.240
.240
.240
.240
.240
.290
.290
.290
.290
.290
.290
.360
.360
.360
.420
.420
.420
.420
.420
.420
.420
.540
.540
.540
.540
.540
.540
.720
.720
.720
.720
.420
.420
.420
.570
.570
.570
.570
.570
.550
.550
.550
.550
.570
.570
.670
.670
.820
.820
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
.160
.160
.160
.160
.160
.160
.170
.170
.170
.170
.170
.170
.230
.230
.230
.230
.290
.290
.290
.290
.290
.290
.390
.390
.390
.390
.390
.390
.560
.560
.560
.560


Similar Part No. - 1313TF-3-0.01-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1313TF-3-0.1-1-01 EFC-1313TF-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
1313TF-3-0.1-1-02 EFC-1313TF-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
More results

Similar Description - 1313TF-3-0.01-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EC EFC-1306EC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
   Polyester (Mylar) and Foil Capacitors
logo
NTE Electronics
MLR274K100 NTE-MLR274K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA_16 Datasheet
201Kb / 1P
   Mylar Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com