Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1606TC-3-0.1-1-52 Datasheet(PDF) 5 Page - Electronic Film Capacitors, Inc.

Part # 1606TC-3-0.1-1-52
Description  METALLIZED POLYPROPYLENE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1606TC-3-0.1-1-52 Datasheet(HTML) 5 Page - Electronic Film Capacitors, Inc.

  1606TC-3-0.1-1-52 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1606TC-3-0.1-1-52 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
µµµµµF
1213EC
50 VDC
1213EC
100 VDC
1213EC
150 VDC
1213EC
200 VDC
DIMENSIONS and RATINGS
Cap.
<
><
L _.050"
>
1.625"
Min.
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
2.0
Epoxy case
(Axial Leads)
EFC
1213EC
+
1213EC
D
L
D
L
D
L
D
L
D
L
_ .010"
+
D
DIAMETER
LENGTH
1 = .187
2 = .225
3 = .250
4 = .312
5 = .375
6 = .437
7 = .500
D = .750
E = .875
F = 1.190
A = .375
B = .500
C = .625
SIZE CODE
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
1
2
2
2
3
3
2
3
4
4
4
4
5
5
5
5
6
7
7
7
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
2
2
3
3
3
4
4
4
4
4
5
5
5
6
6
7
7
7
7
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
E
F
F
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
C
C
C
C
C
C
D
D
D
E
E
E
E
F
F
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
D
L
1213EC
600 VDC
1213EC
400 VDC
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
E
F
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
E
F
(All dimensions in inches)
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
D
E
E
E
E
F
Metallized
Polypropylene
Capacitors


Similar Part No. - 1606TC-3-0.1-1-52

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1606TC-3-0.1-1-01 EFC-1606TC-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1606TC-3-0.1-1-01 EFC-1606TC-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1606TC-3-0.1-1-01 EFC-1606TC-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
1606TC-3-0.1-1-02 EFC-1606TC-3-0.1-1-02 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1606TC-3-0.1-1-02 EFC-1606TC-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
More results

Similar Description - 1606TC-3-0.1-1-52

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
SP1213 EFC-SP1213 Datasheet
35Kb / 4P
   METALLIZED POLYPROPYLENE
logo
Kemet Corporation
C9TS6MD5830AARX KEMET-C9TS6MD5830AARX Datasheet
73Kb / 1P
   Metallized Polypropylene
C9TS5MD5920AARX KEMET-C9TS5MD5920AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD6154AARX KEMET-C9TS5MD6154AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD6137AARX KEMET-C9TS6MD6137AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS5MD5770AARX KEMET-C9TS5MD5770AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
C9TS6MD5685AARX KEMET-C9TS6MD5685AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
List of Unclassifed Man...
DCP6I06780E000XXXX ETC2-DCP6I06780E000XXXX Datasheet
154Kb / 3P
   Metallized Polypropylene
logo
Kemet Corporation
C9TS5MD5311AARX KEMET-C9TS5MD5311AARX Datasheet
72Kb / 1P
   Metallized Polypropylene
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com