Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2291 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2291
Description  10-18GHz Low Noise, Variable Gain Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2291 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2291 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10-18GHz LNA VGA
CHA2291
Ref. : DSCHA22912149 - 29-May-02
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on wafer Measurements
Bias Conditions : V5=Vd2,3,4= 5V, Vg1 for Id1= 25mA, Vg2=Vg3,4= -0.5V, Vc= 1.2V
Gain & Noise Figure versus frequency
In jig Measurements
All these measurements include the jig losses (about 0.5dB on gain, 0.2dB on noise figure
and 0.3dB on output power).
Bias Conditions : V5=Vd2,3,4= 5V, Vg1 for Id1= 25mA, Vg2=Vg3,4= -0.5V, Vc= 1.2V
Gain, Return Loss & Noise Figure versus frequency
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
S21(dB)
NF (dB)
S11 (dB)
S22 (dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
10
11
12
13
14
15
16
17
18
Frequency (GHz)
Gain (dB)
NF (dB)


Similar Part No. - CHA2291

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2291 UMS-CHA2291 Datasheet
413Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
413Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2291

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2290 UMS-CHA2290 Datasheet
128Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
   10-18GHz Low Noise, Variable Gain Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com