Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1313TF-3-0.1-1-41 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1313TF-3-0.1-1-41
Description  METALLIZED POLYESTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313TF-3-0.1-1-41 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1313TF-3-0.1-1-41 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313TF-3-0.1-1-41 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured
at 1 KHz + 20 HZ. Capacitors >1.0 MFD
shall be measured at 120 HZ. Measurements
shall be taken at 25 OC.
TYPICAL TEMPERATURE CURVES
METALLIZED POLYESTER
-55
-25
0
25
50
85
125
Temperature (OC)
2.0
2.5
1.5
1.0
0.5
0
DISSIPATION FACTOR VS. TEMPERATURE
3. DIELECTRIC STRENGTH
At 25 OC, 150% of rated voltage when applied
terminal to terminal for one minute through a
current limiting resistance.
1. TEMPERATURE RANGE
- 55 OC to + 85 OC at rated voltage.
To 125 OC at 50% derating.
Temperature (OC)
+25
+50
+85
+125
INSULATION RESISTANCE VS. TEMPERATURE
10
ELECTRONIC FILM CAPACITORS, INC.
METALLIZED POLYESTER
10
5
10
4
10
3
10
2
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage
or 500 VDC, whichever is less, the minimum IR shall
be 30,000 Megohm-Microfarad, but need not exceed
50,000 Megohms for voltages greater than 50 VDC,
and 15,000 Megohm-Microfarads, but need not exceed
30,000 Megohms for 50 VDC or less.
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
5. HUMIDITY RESISTANCE
Series 1313 shall meet the requirements
of MIL-STD. 202C, Method 103B.
6. DISSIPATION FACTOR
Shall be 1.0 % max. when measured as in Par. 2.
7. LIFE TEST
Will withstand the application of 150% rated voltage at +125 0C for 250 hours
with not more than one failure in 12 permitted.
-55
-25
0
25
50
85
125
+15
+5
+10
0
-5
-10
-15
CAPACITANCE CHANGE VS. TEMPERATURE
Temperature (OC)
SPECIFICATIONS
EFC Series 1313 are metallized polyester capacitors. This series offers the advantage of
small size, self healing and low cost. Suggested applications include: medical electronics,
telecommunications and high voltage power supplies. Packaging options include: wrap
and fill (TF, TC), radial lead box (EFR), axial lead (EC, EF). Application options include:
high voltage (HV), "AC" across the line (AC), noise suppression (RC) and switching power
supply (SP).
SERIES 1313


Similar Part No. - 1313TF-3-0.1-1-41

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313TF-3-0.1-1-41 EFC-1313TF-3-0.1-1-41 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1313TF-3-0.1-1-41 EFC-1313TF-3-0.1-1-41 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1313TF-3-0.1-1-41

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
158X CDE-158X Datasheet
253Kb / 2P
   Metallized Polyester
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com