Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1313EFR-3-0.1-1-01 Datasheet(PDF) 9 Page - Electronic Film Capacitors, Inc.

Part # 1313EFR-3-0.1-1-01
Description  METALLIZED POLYCARBONATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313EFR-3-0.1-1-01 Datasheet(HTML) 9 Page - Electronic Film Capacitors, Inc.

  1313EFR-3-0.1-1-01 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1613DFR-3
63 VDC
1613DFR-3
100 VDC
1613DFR-3
400 VDC
1613DFR-3
630 VDC
Cap.
T
H
L
T
H
L
T
H
L
T
H
L
1613DFR
DIMENSIONS and RATINGS
T
H
L
ELECTRONIC FILM CAPACITORS, INC.
(All dimensions in millimeters)
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
Lead Specs. - Tinned Copperweld
Epoxy Dipped
(Radial Leads)
Metallized
Polycarbonate
Capacitors
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629 * E-Mail: efc@filmcapacitors.com * FAX (203) 755-0659
EFC
1613DFR
10.0
7.5
0.6
12.5
10.0
0.6
18.0
15.0
0.8
26.0
22.5
0.8
31.0
27.5
0.8
1613DFR-3
250 VDC
µµµµµF
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
5.0
5.5
5.5
6.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
9.0
9.5
10.0
10.5
11.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
5.0
5.5
6.0
5.5
5.5
6.0
7.0
7.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
9.0
9.5
10.0
10.5
11.0
10.5
11.0
12.0
13.0
14.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.0
5.5
6.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
7.5
8.0
8.5
9.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
8.5
8.5
9.0
9.0
9.5
10.0
10.5
11.0
10.5
12.0
12.5
13.0
13.5
14.0
15.5
13.5
15.0
16.0
17.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
6.0
6.5
5.0
5.5
6.0
6.0
6.5
7.5
8.5
7.5
8.5
9.0
9.5
10.0
9.5
10.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
9.0
9.0
9.0
9.0
9.0
9.5
10.5
11.0
12.0
10.0
10.5
11.0
12.0
12.5
13.5
15.5
13.5
15.5
16.0
17.0
19.0
17.0
20.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
6.0
6.0
6.0
6.5
7.0
7.5
8.0
8.0
8.5
8.5
8.5
9.0
9.5
9.0
9.5
10.0
11.5
12.0
13.0
13.5
15.0
8.5
8.5
8.5
8.5
8.5
8.5
8.5
8.5
9.0
9.0
9.5
10.5
11.0
11.0
12.0
12.5
13.0
13.5
14.5
15.0
15.5
15.5
16.0
16.5
17.0
16.5
18.0
19.0
20.5
21.0
23.0
25.0
27.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
L
S
DIA.
<
>
>
<
"L"
max
<
"H"
max
"T"
max
"S"


Similar Part No. - 1313EFR-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1313EFR-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
   Metallized Polycarbonate Capacitors
1613TF EFC-1613TF Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613DFR EFC-1613DFR Datasheet
14Kb / 1P
   Metallized Polycarbonate Capacitors
1613EC EFC-1613EC Datasheet
11Kb / 1P
   Metallized Polycarbonate Capacitors
1613EF EFC-1613EF Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613TC EFC-1613TC Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1862 VISHAY-MKC1862_08 Datasheet
309Kb / 4P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
   Polycarbonate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com