Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5306B Datasheet(PDF) 10 Page - ams AG

Part # AS5306B
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306B Datasheet(HTML) 10 Page - ams AG

Back Button AS5306B Datasheet HTML 5Page - ams AG AS5306B Datasheet HTML 6Page - ams AG AS5306B Datasheet HTML 7Page - ams AG AS5306B Datasheet HTML 8Page - ams AG AS5306B Datasheet HTML 9Page - ams AG AS5306B Datasheet HTML 10Page - ams AG AS5306B Datasheet HTML 11Page - ams AG AS5306B Datasheet HTML 12Page - ams AG AS5306B Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 10 of 13
9 GENERAL DEVICE SPECIFICATIONS
9.1
Absolute Maximum Ratings (Non Operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device.
Parameter
Symbol
Min
Max
Unit
Note
Supply
VDD
-0.3
7
V
Input pin voltage
Vin
VSS-0.5
VDD+0.5
V
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: Jedec 18
ESD
+/-2
kV
Norm: MIL 883 E method 3015
Package thermal resistance
ΘJA
114.5
°C /W
Still Air / Single Layer PCB
Storage temperature
Tstrg
-55
150
°C
Soldering conditions
Tbody
260
°C
Norm: IPC/JEDEC J-STD-020C
Humidity non-condensing
5
85
%
9.2
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Positive supply voltage
AVDD
Digital supply voltage
DVDD
4.5
5.0
5.5
V
Negative supply voltage
VSS
0.0
0.0
0.0
V
Power supply current, AS5304
25
35
Power supply current, AS5306
IDD
20
30
mA
A/B/Index, AO unloaded!
Ambient temperature
Tamb
-40
125
°C
Junction temperature
TJ
-40
150
°C
25
AS5304
Resolution
LSB
15
µm
AS5306
Integral nonlinearity
INL
1
LSB
Ideal input signal
(ErrMax - ErrMin) / 2
Differential nonlinearity
DNL
±0.5
LSB
No missing pulses.
optimum alignment
Hysteresis
Hyst
1
1.5
2
LSB
9.3
System Parameters
Parameter
Symbol
Min
Max
Unit
Note
Power up time
TPwrUp
500
µs
Amplitude within valid range /
Interpolator locked, A B Index enabled
Propagation delay
TProp
20
µs
Time between change of input signal to
output signal


Similar Part No. - AS5306B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5306 AMSCO-AS5306 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
More results

Similar Description - AS5306B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
   Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
ams AG
AS5305 AMSCO-AS5305 Datasheet
442Kb / 2P
   Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
Rohm
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com