Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7620 Datasheet(PDF) 9 Page - ams AG

Part # AS7620
Description  500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 9 Page - ams AG

Back Button AS7620_1 Datasheet HTML 5Page - ams AG AS7620_1 Datasheet HTML 6Page - ams AG AS7620_1 Datasheet HTML 7Page - ams AG AS7620_1 Datasheet HTML 8Page - ams AG AS7620_1 Datasheet HTML 9Page - ams AG AS7620_1 Datasheet HTML 10Page - ams AG AS7620_1 Datasheet HTML 11Page - ams AG AS7620_1 Datasheet HTML 12Page - ams AG AS7620_1 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com
Revision 1.13
9 - 16
AS7620
Datasheet - D e t a i l e d D e s c r i p t i o n
VOUT Selection
The AS7620-B features a 3.3V fixed output voltage. The AS7620-A provides an adjustable output from 1.2V (VREF) up
to virtually VIN (see 100% Duty Cycle Operation on page 11). To select the desired VOUT, the related resistor divider
has to be tuned according to the following formula:
(EQ 1)
Where:
Rh is the high side resistor of the output divider
Rl is the resistor of the output divider
Note: It is suggested to select resistors in the range of hundreds of k
Ω in order to limit the current consumption.
Current Limit
The current is sensed during the on time of the internal PMOS. Three different current limit thresholds can be selected
by the ILIM pin:
1. 240mA (typ.) ILIM shorted to GND
2. 720mA (typ.) ILIM shorted to VOUT (from 1.5V to 3.6V)
3. 1000mA (typ.) ILIM floating
This threshold is intended as peak current limit. If the current reaches the threshold during the on time, the PMOS is
turned off and it will be turned on again only when the current approaches 0A and the feedback voltage is equal or
lower than VREF. The maximum output current is ILIM/2.
Switching Frequency
The switching frequency (fsw) changes according to the application conditions and, in particular, to the output current in
order to optimize the efficiency in any load condition. Anyway, it is always possible to estimate the fsw during the design
process. As described in the Regulation (refer to page 8) – the converter always works in DCM and, normally, the peak
current into the inductor is the CL threshold (ILIM). The average of the inductor current must be equal to the output
current. The following formula provides the relationship between inductor current and output current:
IOUT =
(EQ 2)
Consequently, the fsw can be expressed as following:
(EQ 3)
Figure 18. Chart Illustrating the Fsw vs. IOUT in a Standard Application (VIN=24V, VOUT=3.3V, L=10µH, ILIM=1A)
V
OUT
V
REF
1
Rh
Rl
-------
+
⎝⎠
⎛⎞
=
1
Tsw
----------
1
2
---
ILIM
2
L
V
IN
V
IN
V
OUT
() V
OUT
--------------------------------------------------
Fsw
2
I
OUT
V
IN
V
OUT
() V
OUT
ILIM
2
L
V
IN
----------------------------------------------------------------------------
=
Fsw vs. Iout
0
50
100
150
200
250
300
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Iout (A)


Similar Part No. - AS7620_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
More results

Similar Description - AS7620_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Linear Technology
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
   STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com