Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8500 Datasheet(PDF) 6 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 6 Page - ams AG

Back Button AS8500_1 Datasheet HTML 2Page - ams AG AS8500_1 Datasheet HTML 3Page - ams AG AS8500_1 Datasheet HTML 4Page - ams AG AS8500_1 Datasheet HTML 5Page - ams AG AS8500_1 Datasheet HTML 6Page - ams AG AS8500_1 Datasheet HTML 7Page - ams AG AS8500_1 Datasheet HTML 8Page - ams AG AS8500_1 Datasheet HTML 9Page - ams AG AS8500_1 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AS8500 - Data Sheet
austriamicrosystems
Revision 1.2, 08-Junel-06
www.austriamicrosystems.com
Page 6 of 41
Electrical characteristics (continued)
VDDA=5V +/-0.1 V, fclk=8.192 MHz, chopping ratio MM=4 (see 7.5.3), oversampling frequency=2.048 MHz, oversampling ratio=128
temperature range : -40 to 125°C if not otherwise noted
symbol
parameter
conditions
min
typ
max
units
cal_err
calibration error
for 30 000 digits output at
full range
G1, 720 mV
G6, 120 mV
G24, 30 mV
G50, 15 mV
G100, 7.5 mV
Device is not
factory
calibrated
%
1)
lin_err
nonlinearity
gain 6 @ room temp
0.1
% or 30 digits 2)
gain 24 @ room temp
0.03
% or 10 digits 2)
gain 50 @ room temp
0.05
% or 15 digits 2)
gain 100 @ room temp
0.05
% or 20 digits 2)
lin_errTC
TC of linearity error
all gains
1
5
ppm/K
3)
Vos
offset voltage:
RSHH_RSHL
-40 to 125°C
-0.5
0.2
0.5
µV
4)
offset voltage: ETS, ETR,
VBAT
-40 to 85°C
-2
0.5
1
µV
4)
85 to 125°C
-4
1
2
µV
4)
dVos/dT
Offset voltage drift: RSHH-
RSHL
-40 to 85 °C
0.002
µV/K
Ib
input bias/leakage current,
all channels
room temperature
-1000
0.2
1000
nA
5)
Vndin
voltage noise density
(G=24)
f=0 to 1 kHz
35
50
nV//Hz
6)
Indin
current noise density
(G=24)
f=10 Hz
20
fA//Hz
6)
en p_p
voltage noise, peak (G=24)
0 to 100 Hz
3
µV
6)
0 to 10 Hz
1
µV
6)
en_RMS
voltage noise, RMS (G=24) 1000 Hz
1.5
µV
6)
SNR
signal to noise (G=24, G=6) room temperature
100
dBmin
SDR
signal to distortion (G=24,
G=6)
room temperature
100
dBmin
CCI
chanel to chanel insulation
room temperature
-90
dBmax
PSRR
power supply rejection ratio 4.9 to 5.1 V
-60
dBmax
Notes:
1)
The output response might be calibrated by the user by writing appropriate calibration constants to the CAR register (see 7.5. ). The default values
are 1548 dec
2)
whatever is lower
3)
max limit is derived fromdevice characterization and not tested
4)
Min/Maximum limits over temperature range are derived from device characterization and not etsted. In normal operation a termperature independent
digital offset of -0.7 digits is present due to internal raunding.
5)
Typical leakage current is valid for all gain settings except G=1 for positive input voltages below 200 mV. In the temperature range 85-125°C it may
be as high as 5 nA. In normal operation a temperature independent digital offset of -0.7 digits is present due to internal rounding.
6)
This parameter is not measured directly. It is measured indirectly via gain measurement of the whole path at room temperature


Similar Part No. - AS8500_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8500 AMSCO-AS8500 Datasheet
451Kb / 39P
   Universal multi pupose data aquisition system
More results

Similar Description - AS8500_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8500 AMSCO-AS8500 Datasheet
451Kb / 39P
   Universal multi pupose data aquisition system
logo
TRINAMIC Motion Control...
TMCM-612 TRINAMIC-TMCM-612 Datasheet
512Kb / 1P
   6-Axis Controller/Driver 1.1A/34V Data Aquisition
logo
Fairchild Semiconductor
2N4401TFR FAIRCHILD-2N4401TFR Datasheet
98Kb / 7P
   NPN General Pupose Amplifier
2N4401 FAIRCHILD-2N4401_01 Datasheet
93Kb / 7P
   NPN General Pupose Amplifier
MMBT4401-D87Z FAIRCHILD-MMBT4401-D87Z Datasheet
98Kb / 7P
   NPN General Pupose Amplifier
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8264-2E INFINEON-TLE8264-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
logo
TT Electronics.
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
   Universal Data Logger
logo
Infineon Technologies A...
TLE8263-2E INFINEON-TLE8263-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com