Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP7.5 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # 3KP7.5
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

3KP7.5 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  3KP7.5 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 3KP7.5 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
3KP SERIES
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
FEATURES
Plastic package has Underwrites Laboratory
Flammability Classification 94V-O
Glass passivated junction
3000W Peak Pulse Power capability on
10/1000
s waveform
Excellent clamping capability
Repetition rate (Duty Cycle):0.5%
Low incremental surge resistance
Fast response time: typically less than 1.0 ps
from 0 volts to BV min.
Typical ID less than 1
A above 10V
High temperature soldering guaranteed:
o
300 C/10 seconds /.375',(9.5mm)
lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:Molded plastic over glass passivated junction
Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity:Color band denote positive end (cathode)
Mounting Position:Any
Weight:0.07 ounces, 2.1gram
VOLTAGE 6.8 to 144 VOLTS
400 WATT PEAK POWER
1.0 WATTS STEADY STATE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
RATINGS
SYMBOL
Operating Junction and Storage Temperature Range
PPPM
PPPM
PM(AV)
IFSM
TJ, TSTG
VALUE
Minimum 3000
250
8.0
-55 to + 175
Amps
Amps
UNITS
o
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
22
2. Mounted on Copper Leaf area of 0.79 in (20mm )
3. Measured on 8.3ms single half sine-wave or equivalent square wave,
Duty Cycle=4 pulses per minuters maximum.
Watts
Watts
0C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load(JEDEC Method)(NOTE 3)
0
Steady Power Dissipation at TL=75 C
Lead Lengths .375",(9.5mm)(NOTE 2)
Peak Pulse Power Dissipation on 10/1000
s waveform (NOTE 1,Fig.1)
Peak Pulse Current of on 10/1000
s waveform (NOTE 1,Fig.3)
SEE TABLE 1


Similar Part No. - 3KP7.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP7.5 PANJIT-3KP7.5 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
3KP7.5 PANJIT-3KP7.5 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Surge Components
3KP7.5 SURGE-3KP7.5 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Goodwork Semiconductor ...
3KP7.5 GWSEMI-3KP7.5 Datasheet
189Kb / 4P
   3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3KP7.5 WTE-3KP7.5 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP7.5

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com