Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13986-2828-T Datasheet(PDF) 4 Page - ams AG

Part # AS13986-2828-T
Description  Dual Low-Noise, Low-Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13986-2828-T Datasheet(HTML) 4 Page - ams AG

  AS13986-2828-T Datasheet HTML 1Page - ams AG AS13986-2828-T Datasheet HTML 2Page - ams AG AS13986-2828-T Datasheet HTML 3Page - ams AG AS13986-2828-T Datasheet HTML 4Page - ams AG AS13986-2828-T Datasheet HTML 5Page - ams AG AS13986-2828-T Datasheet HTML 6Page - ams AG AS13986-2828-T Datasheet HTML 7Page - ams AG AS13986-2828-T Datasheet HTML 8Page - ams AG AS13986-2828-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 13
AS13986
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = 25ºC, VIN = VOUT(NOM) +0.5V, COUT = CIN = 1µF, CBYPASS = 10nF, IOUT = 1mA, VEN = 1.2V (unless otherwise spec-
ified)
Note: Exposing the WLP package to direct light could cause device malfunction.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.5
5.5
V
ΔVOUT
Output Voltage Tolerance
VOUT
≥ 3V
IOUT = 1mA
-1.5
1.5
% of
VOUT(N
OM)
TAMB = -40 to 125ºC
-2.5
2.5
Output Voltage Tolerance
VOUT
< 3V
IOUT = 1mA
-75
75
mV
TAMB = -40 to 125ºC
-100
100
Line Regulation
1
VIN = (VOUT(NOM) + 0.5V) to 4.5V, VOUT
< 3V
-0.2
0.2
%/V
VIN = (VOUT(NOM) + 0.5V) to 5.5V, VOUT
< 3V
-0.35
0.35
Load Regulation
1
IOUT = 1 to 150mA
0.003
0.008
%/mA
Output AC Line
Regulation (Figure 3)
VIN = VOUT(NOM) + 1V,
IOUT = 150mA, tR = tF = 30µs
1mVpp
IQ
Quiescent Current
Both Outputs Enabled, VEN = 1.4V,
IOUT = 0mA
135
µA
Both Outputs Enabled, VEN = 1.4V,
IOUT = 0mA,TAMB = -40 to 125ºC
200
Both Outputs Enabled,
VEN = 1.4V, IOUT = 0 to 150mA
255
Both Outputs Enabled, VEN = 1.4V,
IOUT = 0mA to 150mA, TAMB = -40 to 125ºC
370
2
Both Outputs Disabled, VEN = 0.4V
0.001
2
Both Outputs Disabled,
VEN = 0.4V, TAMB = -40 to 125ºC
4
One Output Enabled, IOUT = 0mA
90
One Output Enabled, VEN = 1.4V, IOUT = 0mA,
TAMB = -40 to 125ºC
130
One Output Enabled, VEN = 1.4V,
IOUT = 0 to 150mA
100
One Output Enabled, VEN = 1.4V, IOUT = 0 to
150mA, TAMB = -40 to 125ºC
220
2
VLOAD
Dropout Voltage
3
IOUT = 1mA
0.3
mV
IOUT = 1mA, TAMB = -40 to 125ºC
2
2
IOUT = 150mA
45
IOUT = 150mA, TAMB = -40 to 125ºC
100
SVR
Supply Voltage Rejection
(Figure 4)
VIN = VOUT(NOM) + 0.25V, VRIPPLE = 0.1V,
IOUT = 50mA, f = 1kHz
55
dB
VIN = VOUT(NOM) + 0.25V, VRIPPLE = 0.1V,
IOUT = 50mA, f = 10kHz
50
ISC
Short Circuit Current
RLOAD = 0
Ω
500
mA
IOUT(PK)
Peak Output Current
VOUT
≥ VOUT(NOM) - 5%
300
480
mA


Similar Part No. - AS13986-2828-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985F12-T AMSCO-AS13985F12-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13986-2828-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP707 ONSEMI-NCP707_17 Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
Semtech Corporation
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
ON Semiconductor
LM2935 ONSEMI-LM2935 Datasheet
125Kb / 8P
   LOW DROPOUT DUAL VOLTAGE REGULATOR
1996 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com