Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13985F30-T Datasheet(PDF) 9 Page - ams AG

Part # AS13985F30-T
Description  Micropower 150mA Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985F30-T Datasheet(HTML) 9 Page - ams AG

Back Button AS13985F30-T Datasheet HTML 4Page - ams AG AS13985F30-T Datasheet HTML 5Page - ams AG AS13985F30-T Datasheet HTML 6Page - ams AG AS13985F30-T Datasheet HTML 7Page - ams AG AS13985F30-T Datasheet HTML 8Page - ams AG AS13985F30-T Datasheet HTML 9Page - ams AG AS13985F30-T Datasheet HTML 10Page - ams AG AS13985F30-T Datasheet HTML 11Page - ams AG AS13985F30-T Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.austriamicrosystems.com
Revision 1.13
9 - 12
AS13985
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
9 Package Drawings and Markings
The AS13985 is available in a 5-bump WLP package and a 5-pin SOT23 package.
Figure 14. 5-bump WLP Package


Similar Part No. - AS13985F30-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985F30-T AMSCO-AS13985F30-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13985F30-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com