Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSE-5310ASDF Datasheet(PDF) 10 Page - ams AG

Part # NSE-5310ASDF
Description  Miniature Position Encoder SOIC with Zero Reference and I짼C Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310ASDF Datasheet(HTML) 10 Page - ams AG

Back Button NSE-5310ASDF Datasheet HTML 6Page - ams AG NSE-5310ASDF Datasheet HTML 7Page - ams AG NSE-5310ASDF Datasheet HTML 8Page - ams AG NSE-5310ASDF Datasheet HTML 9Page - ams AG NSE-5310ASDF Datasheet HTML 10Page - ams AG NSE-5310ASDF Datasheet HTML 11Page - ams AG NSE-5310ASDF Datasheet HTML 12Page - ams AG NSE-5310ASDF Datasheet HTML 13Page - ams AG NSE-5310ASDF Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com
Revision 1.0
10 - 21
NSE-5310
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.1 Using 3.3V or 5V Operation
For 3.3V operation: Bypass the voltage regulator (LDO) by connecting VDD3V3 with VDD5V.
For 5V operation: Connect the 5V supply to pin VDD5V. VDD3V3 (LDO output) must be buffered by a 2.2µF to 10µF capacitor placed close to
the supply pin.
In either case, a buffer capacitor of 100nF close to pin VDD5V is recommended.
Note: Pin VDD3V3 must always be buffered by a capacitor. It must not be left floating, as this may cause an instable internal 3.3V supply volt-
age which may lead to larger than normal jitter of the measured position.
The 3V3 output is intended for internal use only. It must not be loaded with an external load.
The output voltage of the digital interface I/Os corresponds to the voltage at pin VDD5V, as the I/O buffers are supplied from this pin.
Figure 6. Connections for 3.3V or 5V Supply Voltage
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
3.0 - 3.6V
+
DO
PWM
CLK
CSn
Prog
100n
3.3V Operation
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
100n
4.5 - 5.5V
+
1... 10µF
DO
PWM
CLK
CSn
Prog
5V Operation


Similar Part No. - NSE-5310ASDF

ManufacturerPart #DatasheetDescription
logo
ams AG
NSE-5310ASST AMSCO-NSE-5310ASST Datasheet
437Kb / 22P
   Miniature Position Encoder with Zero Reference and IC Output
NSE-5310ASSU AMSCO-NSE-5310ASSU Datasheet
437Kb / 22P
   Miniature Position Encoder with Zero Reference and IC Output
More results

Similar Description - NSE-5310ASDF

ManufacturerPart #DatasheetDescription
logo
ams AG
NSE-5310 AMSCO-NSE-5310_07 Datasheet
437Kb / 22P
   Miniature Position Encoder with Zero Reference and IC Output
logo
IC-Haus GmbH
IC-LG ICHAUS-IC-LG Datasheet
519Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
IC-LGC ICHAUS-IC-LGC Datasheet
399Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
708Kb / 25P
   Position Control of PMSM with Encoder
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437_06 Datasheet
73Kb / 3P
   Infrared LED High radiant output GaAs LED with position reference hole
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
logo
IC-Haus GmbH
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
Allegro MicroSystems
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
   Position Sensor IC with Speed and Direction Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com