Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB-810A Datasheet(PDF) 2 Page - AAEON Technology

Part # HSB-810A
Description  Intel Pentium M APCI Half-size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HSB-810A Datasheet(HTML) 2 Page - AAEON Technology

  HSB-810A Datasheet HTML 1Page - AAEON Technology HSB-810A Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Computing Platform Service Partner
Dimension
Unit: mm
02-10
www.aaeon.com
14.1
3.99
177.98
3.02
6.22
59.69
16.51
184.99
1.6
14.5
6.5
13.4
6.27
12.55
Passive Backplane Options
1701400802
Flat Cable, 40P-40P-40P (UL: 2651, 15cm+65cm) 80cm for ATA33
1701400800
Flat Cable, 40P-40P-40P (UL: 20674, 15cm+65cm) 80cm for ATA100
1701400702
Flat Cable, 40P ATA-100 2.54mm BLUE/GRAY/BLACK, 70cm for Hard Disk Drive
1703300351
LCD Cable, 30-pin to 20-pin, 35cm, for Hyundai HT12X11-200 12.1”/ 1024*768/ 3.3V LVDS Panel
1703300352
LCD Cable, 30-pin to 30-pin, 35cm, for Hyundai HT17E11-300 17”/ 1280*1024/ 3.3V LVDS Panel, Samsung LTM150XH-L04 15.1”/ 1024*768/ 3.3V LVDS Panel
PER-U00A
Audio Daughter Board
Optional Accessories
P/N
Description
Master
Interface
Slots
Power Connector,
ATX Extend Function
BP-214SA-P5I6-A11
Rackmount, 2 APCI/1 AGP, 14-slot Backplane,
5 PCI, 6 ISA, Rev.1.1
APCI
5/6/1/2 (PCI/ ISA/ AGP/ APCI)
ATX, 3-pin ATX extend
BP-214SA-P6-A11
Rackmount, 2 APCI/1 AGP, 14-slot Backplane,
6 PCI, Rev.1.1
APCI
6/0/1/2 (PCI/ ISA/ AGP/ APCI)
ATX, 3-pin ATX extend
BP-204SA-P2-A11
Wallmount, APCI, 4-slot Backplane, 2 PCI, 1
AGP, Single Segment, ATX, Rev.A1.0, Bulk Pack
APCI
2/0/1/1(PCI/ISA/AGP/APCI)
ATX, 3-pin ATX extend
01
Full-sizeSBC
02
Half-sizeSBC
03
Industrial
Motherboard
04
IndustrialChassis
05
FirewallPlatform
06
Industrial
Backplanes
07
DaughterBoard
08
Embedded
Motherboards
09
MiniPCIModules
10
Sun-readableLCD
Monitors
11
Accessories


Similar Part No. - HSB-810A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-800I AAEON-HSB-800I Datasheet
371Kb / 2P
   ISA Half-Size SBC With AMD Geode LX800 Processor
HSB-800I-A11 AAEON-HSB-800I-A11 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
HSB-800I-A11-VE-0001 AAEON-HSB-800I-A11-VE-0001 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
HSB-800I-A11-VG-0001 AAEON-HSB-800I-A11-VG-0001 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
HSB-800P AAEON-HSB-800P Datasheet
272Kb / 2P
   Half-Size PCI SBC With AMD Geode LX800 Processor
More results

Similar Description - HSB-810A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-835A AAEON-HSB-835A Datasheet
754Kb / 2P
   Intel Pentium 4 3.2GHz APCI Half-size SBC
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
logo
Advantech Co., Ltd.
PCI-7032 ADVANTECH-PCI-7032 Datasheet
638Kb / 2P
   Intel Celeron J1900/N2930 PCI Half-size SBC
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
HSB-525I AAEON-HSB-525I Datasheet
276Kb / 2P
   ISA Half-Size SBC With Intel Atom D525 Processor
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
logo
BOSER Technology Co., L...
HS-7321 BOSER-HS-7321 Datasheet
94Kb / 1P
   Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
HS-7322 BOSER-HS-7322 Datasheet
99Kb / 1P
   Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
logo
AAEON Technology
HSB-910I AAEON-HSB-910I Datasheet
366Kb / 2P
   ISA Half-Size SBC With Intel Celeron M 600 MHz BGA Type Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com