Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6031 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6031
Description  0.9 關A, High Precision Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6031_08 Datasheet HTML 1Page - Microchip Technology MCP6031_08 Datasheet HTML 2Page - Microchip Technology MCP6031_08 Datasheet HTML 3Page - Microchip Technology MCP6031_08 Datasheet HTML 4Page - Microchip Technology MCP6031_08 Datasheet HTML 5Page - Microchip Technology MCP6031_08 Datasheet HTML 6Page - Microchip Technology MCP6031_08 Datasheet HTML 7Page - Microchip Technology MCP6031_08 Datasheet HTML 8Page - Microchip Technology MCP6031_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22041B-page 3
MCP6031/2/3/4
AC ELECTRICAL SPECIFICATIONS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 10
VDD – 10
mV
RL = 50 kΩ to VL,
0.5V input overdrive
Output Short-Circuit Current
ISC
—±5
mA
VDD = 1.8V
—±23
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current per Amplifier
IQ
0.4
0.9
1.35
µA
IO = 0, VCM = VDD,
VDD = 5.5V
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8 to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, CL = 60 pF, RL = 1 MΩ to VL and CS is tied low. (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
10
kHz
Phase Margin
PM
65
°
G = +1 V/V
Slew Rate
SR
4.0
V/ms
Noise
Input Noise Voltage
Eni
3.9
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—165
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—0.6
fA/
√Hz f = 1 kHz
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS=GND, TA= +25°C, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 MΩ to VL and CS is tied low. (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions


Similar Part No. - MCP6031_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6031E/MS MICROCHIP-MCP6031E/MS Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6031E/SL MICROCHIP-MCP6031E/SL Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6031E/SN MICROCHIP-MCP6031E/SN Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6031E/ST MICROCHIP-MCP6031E/ST Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6031T MICROCHIP-MCP6031T Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
More results

Similar Description - MCP6031_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
   110 關A, High Precision Op Amps
2009
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
   30 關A, High Precision Op Amps
2009
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
logo
3PEAK INC.
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
   Stable 6MHz, 500關A, RRIO, Precision, Op Amps
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
   110 uA, High Precision Op Amps
2010
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com