Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1393 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1393
Description  1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1393 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1393 Datasheet HTML 4Page - Maxim Integrated Products MAX1393 Datasheet HTML 5Page - Maxim Integrated Products MAX1393 Datasheet HTML 6Page - Maxim Integrated Products MAX1393 Datasheet HTML 7Page - Maxim Integrated Products MAX1393 Datasheet HTML 8Page - Maxim Integrated Products MAX1393 Datasheet HTML 9Page - Maxim Integrated Products MAX1393 Datasheet HTML 10Page - Maxim Integrated Products MAX1393 Datasheet HTML 11Page - Maxim Integrated Products MAX1393 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Detailed Description
The MAX1393/MAX1396 use an input track and hold
(T/H) circuit along with a SAR to convert an analog input
signal to a serial 12-bit digital output data stream. The
serial interface provides easy interfacing to microproces-
sors and DSPs. Figure 3 shows the simplified functional
diagram for the MAX1393 (1 channel, true differential)
and the MAX1396 (2 channels, single ended).
True-Differential Analog Input T/H
The equivalent input circuit of Figure 4 shows the
MAX1393/MAX1396 input architecture, which is com-
posed of a T/H, a comparator, and a switched-capacitor
DAC. The T/H enters its tracking mode on the falling
edge of CS (while OE is held low). The positive input
capacitor is connected to AIN+ (MAX1393), or to AIN1 or
AIN2 (MAX1396). The negative input capacitor is con-
nected to AIN- (MAX1393) or GND (MAX1396). The T/H
enters its hold mode on the 3rd falling edge of SCLK
8
_______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 12-Bit, SAR ADCs
PIN
MAX1393
MAX1396
NAME
FUNCTION
1
1
VDD
Positive Supply Voltage. Connect VDD to a 1.5V to 3.6V power supply. Bypass VDD to GND
with a 0.1μF capacitor as close to the device as possible.
2
AIN-
Negative Analog Input
2
AIN2
Analog Input Channel 2
3
AIN+
Positive Analog Input
3
AIN1
Analog Input Channel 1
4
4
GND
Ground
5
5
REF
External Reference Voltage Input. VREF = 0.6V to (VDD + 0.05V). Bypass REF to GND with a
0.1μF capacitor as close to the device as possible.
6
UNI/
BIP
Input-Mode Select. Drive UNI/
BIP high to select unipolar input mode. Pull UNI/BIP low to
select bipolar input mode. In unipolar mode, the output data is in straight binary format. In
bipolar mode, the output data is in two’s complement format.
6
CH1/CH2
Channel-Select Input. Pull
CH1/CH2 low to select channel 1. Drive CH1/CH2 high to select
channel 2.
7
7
OE
Active-Low Output Enable. Pull
OE low to enable DOUT. Drive OE high to disable DOUT.
Connect to
CS to interface with SPI, QSPI, and MICROWIRE devices or set low to interface
with DSP devices.
8
8
CS
Active-Low Chip-Select Input. A falling edge on
CS initiates power-up and acquisition.
9
9
DOUT
Serial-Data Output. DOUT changes state on the falling edge of SCLK. DOUT is high
impedance when
OE is high.
10
10
SCLK
Serial-Clock Input. SCLK drives the conversion process and clocks data out. Acquisition
ends on the 3rd falling edge after the
CS falling edge. The LSB is clocked out on the SCLK
15th falling edge and the device enters AutoShutdown mode (see Figures 8, 9, and 10).
EP
Exposed Pad. Not internally connected. Connect the exposed pad to GND or leave unconnected.
Pin Description
DOUT
VDD
REF
12-BIT SAR
ADC
CS
SCLK
OE
GND
OUTPUT
SHIFT
REGISTER
CONTROL
LOGIC AND
TIMING
*INDICATES THE MAX1396
AIN+ (AIN1)*
AIN- (AIN2)*
INPUT
MUX
AND T/H
UNI/BIP
(CH1/CH2)*
MAX1393
MAX1396
Figure 3. Simplified Functional Diagram


Similar Part No. - MAX1393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393ETB MAXIM-MAX1393ETB Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393EUB MAXIM-MAX1393EUB Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393MTB MAXIM-MAX1393MTB Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393MUB MAXIM-MAX1393MUB Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
More results

Similar Description - MAX1393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com