Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1952 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1952
Description  1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1952 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1952 Datasheet HTML 4Page - Maxim Integrated Products MAX1952 Datasheet HTML 5Page - Maxim Integrated Products MAX1952 Datasheet HTML 6Page - Maxim Integrated Products MAX1952 Datasheet HTML 7Page - Maxim Integrated Products MAX1952 Datasheet HTML 8Page - Maxim Integrated Products MAX1952 Datasheet HTML 9Page - Maxim Integrated Products MAX1952 Datasheet HTML 10Page - Maxim Integrated Products MAX1952 Datasheet HTML 11Page - Maxim Integrated Products MAX1952 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1MHz, All-Ceramic, 2.6V to 5.5V Input,
2A PWM Step-Down DC-to-DC Regulators
8
_______________________________________________________________________________________
through the high-side MOSFET body diode, back to the
input, until the beginning of the next cycle or until the
inductor current drops to zero. The MAX1951/MAX1952
utilize a pulse-skip mode to prevent overheating during
short-circuit output conditions. The device enters pulse-
skip mode when the FB voltage drops below 300mV, lim-
iting the current to 3A (typ) and reducing power
dissipation. Normal operation resumes upon removal of
the short-circuit condition.
VCC Decoupling
Due to the high switching frequency and tight output
tolerance (1%), decouple VCC with a 0.1µF capacitor
connected from VCC to GND, and a 10
Ω resistor con-
nected from VCC to IN. Place the capacitor as close to
VCC as possible.
Soft-Start
The MAX1951/MAX1952 employ digital soft-start circuitry
to reduce supply inrush current during startup conditions.
When the device exits undervoltage lockout (UVLO), shut-
down mode, or restarts following a thermal-overload
event, or the external pulldown on COMP is released, the
digital soft-start circuitry slowly ramps up the voltages at
REF and FB (see the Soft-Start Waveforms in the Typical
Operating Characteristics).
Undervoltage Lockout
If VCC drops below 2.25V, the UVLO circuit inhibits
switching. Once VCC rises above 2.35V, the UVLO
clears, and the soft-start sequence activates.
Compensation
and Shutdown Mode
The output of the internal transconductance voltage
error amplifier connects to COMP. The normal operation
voltage for COMP is 1V to 2.2V. To shut down the
MAX1951/MAX1952, use an NPN bipolar junction
transistor or a very low output capacitance open-drain
MOSFET to pull COMP to GND. Shutdown mode causes
the internal MOSFETs to stop switching, forces LX to a
high-impedance state, and shorts REF to GND.
Release COMP to exit shutdown and initiate the soft-
start sequence.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipation
in the device. When the junction temperature exceeds TJ
= +160°C, a thermal sensor forces the device into shut-
down, allowing the die to cool. The thermal sensor turns
the device on again after the junction temperature cools
by 15°C, resulting in a pulsed output during continuous
overload conditions. Following a thermal-shutdown condi-
tion, the soft-start sequence begins.
MAX1951
VCC
COMP
CURRENT SENSE
SLOPE
COMP
ERROR
SIGNAL
CLOCK
POSITIVE AND NEGATIVE CURRENT LIMITS
GND
REF
FB
PGND
LX
IN
DAC
gm
SOFT-START/
UVLO
REF
2V
PWM
CONTROL
THERMAL
SHUTDOWN
BANDGAP
REF
1.25V
CLAMP
OSC
RAMP GEN
Figure 1. Functional Diagram


Similar Part No. - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1952 MAXIM-MAX1952 Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX1952 MAXIM-MAX1952 Datasheet
102Kb / 3P
   No External Schottky Diode Required
Rev 0; 12/02
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX19527 MAXIM-MAX19527 Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results

Similar Description - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com