Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1595ETC50+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1595ETC50+
Description  Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1595ETC50+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1595ETC50+ Datasheet HTML 1Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 2Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 3Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 4Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 5Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 6Page - Maxim Integrated Products MAX1595ETC50+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Regulated 3.3V/5.0V Step-Up/Step-Down
Charge Pump
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(Circuit of Figure 4, VIN = 2V for MAX1595_ _ _33, VIN = 3V for MAX1595_ _ _50, TA = +25°C, unless otherwise noted.)
0.1
10
1
1000
100
10000
02
13
4
5
NO LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
VOUT = 5V
200ns/div
OUTPUT WAVEFORM
MAX1595 toc02
OUTPUT WAVEFORM. AC-COUPLED.
VIN = 3.6V, ILOAD = 100mA, COUT = 1
μF
VOUT = 5V
4.90
5.00
4.98
4.96
4.94
4.92
5.06
110
100
1000
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
5.04
5.02
VIN = 3V
VIN = 3.6V
VIN = 3.3V
VOUT = 5V
100
0
1
10
100
3V EFFICIENCY
vs. LOAD CURRENT
20
10
LOAD CURRENT (mA)
40
30
60
70
50
80
90
VIN = 1.8V
VIN = 2.4V
2ms/div
LINE-TRANSIENT RESPONSE
MAX1595 toc07
A: INPUT VOLTAGE: VIN = 3.1V TO 3.6V, 500mV/div
B: OUTPUT VOLTAGE: ILOAD = 50mA, 100mV/div
A
B
100
0
0.1
1
10
100
1000
5V EFFICIENCY
vs. LOAD CURRENT
20
LOAD CURRENT (mA)
40
60
80
70
50
30
10
90
VIN = 3.6V
VIN = 3.3V
VIN = 3V
100
μs/div
SHUTDOWN TIMING
MAX1595 toc06
A: OUTPUT VOLTAGE: RL = 100
Ω, 2V/div
B: SHDN VOLTAGE: 2V/div
A
5V
B
200
μs/div
LOAD-TRANSIENT RESPONSE
MAX1595 toc08
A: LOAD CURRENT: ILOAD = 5mA to 95mA, 100mA/div
B: OUTPUT VOLTAGE: AC-COUPLED 100mV/div
A
B
COUT = 1
μF
1
0
2
4
3
5
6
0
2
1
3
4
5
6
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VOUT = 5V, ILOAD = 125mA
VOUT = 3.3V, ILOAD = 75mA


Similar Part No. - MAX1595ETC50+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595ETC50 MAXIM-MAX1595ETC50 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
More results

Similar Description - MAX1595ETC50+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com