Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX883MPR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX883MPR
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883MPR Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX883MPR Datasheet HTML 1Page - Maxim Integrated Products MAX883MPR Datasheet HTML 2Page - Maxim Integrated Products MAX883MPR Datasheet HTML 3Page - Maxim Integrated Products MAX883MPR Datasheet HTML 4Page - Maxim Integrated Products MAX883MPR Datasheet HTML 5Page - Maxim Integrated Products MAX883MPR Datasheet HTML 6Page - Maxim Integrated Products MAX883MPR Datasheet HTML 7Page - Maxim Integrated Products MAX883MPR Datasheet HTML 8Page - Maxim Integrated Products MAX883MPR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
4
_______________________________________________________________________________________
Note 1: Electrical specifications are measured by pulse testing and are guaranteed for a junction temperature (TJ) within the operat-
ing temperature range, unless otherwise noted. Specifications to -40°C are guaranteed by design and not production tested.
Note 2: (VIN - VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits. See
Figure 5. Therefore, the combination of high output current and high supply voltage is not tested.
Note 3: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = (VOUT + 2V). For example, the
MAX883 is tested by measuring the VOUT at VIN = 7V, then VIN is lowered until VOUT falls 100mV below the measured value.
The difference (VIN - VOUT) is then measured and defined as ∆VDO.
Note 4: Since standby mode inhibits the output but keeps all biasing circuitry alive, the Standby Quiescent Current is similar to the
normal operating quiescent current.
Note 5: Foldback Current Limit was characterized by pulse testing to remain below the maximum junction temperature (not
production tested).
Note 6: The Reverse-Current Protection Threshold is the output/input differential voltage (VOUT - VIN) at which reverse-current
protection switchover occurs and the pass transistor is turned off. See the section
Reverse-Current Protection in the Detailed
Description.
Note 7: Noise is tested using a bandpass amplifier with two poles at 10Hz and two poles at 10kHz.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = -40°C to
+85°C, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STBY Threshold Voltage
V STBY
STBY signal falling, MAX882_A
1.15
1.20
1.25
V
STBY Hysteresis
∆V STBY
MAX882_A
7
mV
STBY Input Leakage Current
ISTBY
V STBY = VIN or 0, MAX882_A
±0.01
±50
nA
VIL OFF
In off mode, MAX883_A, MAX884_A
0.4
In on mode, SET = OUT, VIN < 6V,
MAX883_A, MAX884_A
2.0
OFF Threshold Voltage
VIH OFF
In on mode, SET = OUT, 6V < VIN < 11.5V,
MAX883_A, MAX884_A
3.0
V
OFF Input Leakage Current
IOFF
V OFF = VIN or 0
±0.01
±50
nA
Output Noise
en
10Hz to 10kHz, SET = OUT, RL = 1k
Ω,
COUT = 2.2µF (Note 7)
250
µVRMS


Similar Part No. - MAX883MPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX883MJA MAXIM-MAX883MJA Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX883MSA/PR MAXIM-MAX883MSA/PR Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX883MSA/PR- MAXIM-MAX883MSA/PR- Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
More results

Similar Description - MAX883MPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com