Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4162EUK+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4162EUK+
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162EUK+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4162EUK+ Datasheet HTML 1Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 2Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 3Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 4Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 5Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 6Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 7Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 8Page - Maxim Integrated Products MAX4162EUK+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS: 3V Operation (continued)
(VDD = 3V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL connected to VDD/2, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS: 5V Operation
(VDD = 5V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL connected to VDD/2, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
pF
CONDITIONS
nV/
√Hz
en
80
f = 1kHz
Input Voltage-Noise Density
Input Common-Mode
Capacitance
pF
1.5
Differential Input Capacitance
0.7
PARAMETER
UNITS
MIN
TYP
MAX
SYMBOL
kHz
Internal Charge-Pump
Frequency
700
µVP-P
Charge-Pump Output
Feedthrough
100
To either supply rail
VOL - VSS
VDD - VOH
V
VOL - VSS
VDD - VOH
VCM = (VSS - 0.25V) to (VDD + 0.25V)
Inferred from PSRR test
degrees
60
RL = 10kΩ
Inferred from CMRR test
φM
dB
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
12
TA = -40°C to +85°C
GM
CONDITIONS
15
ISC
mV
540
RL = 100kΩ
VOUT
µV/°C
540
µA
50
300
RL = 10kΩ
2
50
300
TA = +25°C
TA = -40°C to +85°C
dB
AV
25
45
IDD
85
120
dB
CMRR
Phase Margin
Gain Margin
Output Short-Circuit Current
Output Voltage Swing
70
100
Input Offset Voltage Tempco
Large-Signal Voltage Gain
Supply Current (Per Amplifier)
Common-Mode Rejection Ratio
Operating Voltage Range
pA
1.0
100
Input Bias Current (Note 2)
V
4.5
10.0
Input Common-Mode Voltage
Range
VDD
IB
T
VSS -
VDD +
0.25
0.25
Differential Input Resistance
VCM
Input Offset Voltage
>10
PARAMETER
Gain-Bandwidth Product
±6
Power-Supply Rejection Ratio
Closed-Loop Output Resistance
±0.5
±5
MAX4164
±0.5
±3
VOS
±4
MAX4162
±0.5
±4
mV
±5
MAX4163
UNITS
MIN
TYP
MAX
SYMBOL
AV = 1V/V
kHz
200
GBWP
VDD = 4.5V to 10V
PSRR
dB
80
110
mA
0.1
ROUT


Similar Part No. - MAX4162EUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162EUK++ MAXIM-MAX4162EUK+ Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX4162EUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com