Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4163EUA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4163EUA+
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163EUA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4163EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX4163EUA+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
______________________________________________________________________________________
11
1) The on-board charge pumps generate a small
amount of 700kHz switching noise at the op amp’s
output. The amplitude of this noise is typically
100µVP-P. The noise is not referred to the input, and
is independent of amplifier gain. The charge-pump
switching frequency is well beyond the amplifier’s
200kHz bandwidth, and is therefore unnoticeable in
most applications.
2) The charge pumps typically require up to 20µs on
power-up to fully energize the internal supply rails
(Figure 3).
Power Supplies and Layout
The MAX4162/MAX4163/MAX4164 are guaranteed to
operate from a single 2.5V to 10.0V power supply, but
full rail-to-rail operation typically extends below 2V. For
single-supply operation, bypass the power supply with a
1µF capacitor in parallel with a 0.1µF ceramic capacitor.
If operating from dual supplies, bypass each supply to
ground.
Good layout improves performance by decreasing the
amount of stray capacitance at the op amp’s inputs and
output. To decrease stray capacitance, minimize both
trace and external component lead lengths, and place
external components close to the op amp’s pins.
UCSP Package Consideration
For general UCSP package information and PC layout
considerations, please refer to the Maxim Application
Note (Wafer-Level Ultra-Chip-Board-Scale-Package).
UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. UCSP
reliability is integrally linked to the user’s assembly
methods, circuit board material, and usage environ-
ment. The user should closely review these areas when
considering use of a UCSP. Performance through oper-
ating life test and moisture resistance remains uncom-
promised as it is primarily determined by the
wafer-fabrication process. Mechanical stress perfor-
mance is a greater consideration for a UCSP package.
UCSPs are attached through direct solder contact to
the user’s PC board, foregoing the inherent stress relief
of a packaged product lead frame. Solder joint contact
integrity must be considered.
Table 1 shows the testing done to characterize the
UCSP reliability performance. In conclusion, the UCSP
is capable of performing reliably through environmental
stresses as indicated by the results in the table.
Additional usage data and recommendations are
detailed in the UCSP application note, which can be
found on Maxim’s website at www.maxim-ic.com.
TEST
CONDITIONS
DURATION
NO. OF FAILURES PER
SAMPLE SIZE
Temperature Cycle
-35°C to +85°C, -40°C to +100°C
150 cycles, 900 cycles
0/10, 0/200
Operating Life
TA = +70°C
240h
0/10
Moisture Resistance
-20°C to +60°C, 90% RH
240h
0/10
Low-Temperature Storage
-20°C
240h
0/10
Low-Temperature Operational
-10°C
24h
0/10
Solderability
8h steam age
0/15
ESD
±2000V, Human Body Model
0/5
High-Temperature Operating
Life
TJ = +150°C
168h
0/45
Table 1. Reliability Test Data


Similar Part No. - MAX4163EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4163EUA++ MAXIM-MAX4163EUA+ Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX4163EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com