Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3096EPE+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3096EPE+
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3096EPE+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3096EPE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3096EPE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________General Description
The MAX3095/MAX3096 are rugged, low-power, quad,
RS-422/RS-485 receivers with electrostatic discharge
(ESD) protection for use in harsh environments. All
receiver inputs are protected to ±15kV using IEC 1000-
4-2 Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact
Discharge, and ±15kV using the Human Body Model.
The MAX3095 operates from a +5V supply, while the
MAX3096 operates from a +3.3V supply. Receiver prop-
agation delays are guaranteed to within ±8ns of a pre-
determined value, thereby ensuring device-to-device
matching across production lots.
Complementary enable inputs can be used to place the
devices in a 1nA low-power shutdown mode in which
the receiver outputs are high impedance. When active,
these receivers have a fail-safe feature that guarantees
a logic-high output if the input is open circuit. They also
feature a quarter-unit-load input impedance that allows
128 receivers on a bus.
The MAX3095/MAX3096 are pin-compatible, low-power
upgrades to the industry-standard ’26LS32. They are
available in a space-saving QSOP package.
________________________Applications
Telecommunications Equipment
Rugged RS-422/RS-485/RS-423 Bus Receiver
Receivers for ESD-Sensitive Applications
Level Translators
____________________________Features
♦♦ ESD Protection:
±15kV—IEC 1000-4-2, Air-Gap Discharge
±8kV—IEC 1000-4-2, Contact Discharge
±15kV—Human Body Model
♦♦ Guaranteed Propagation-Delay Tolerance
Between All ICs:
±8ns (MAX3095)
±10ns (MAX3096)
♦♦ Single +3V Operation (MAX3096)
Single +5V Operation (MAX3095)
♦♦ 16-Pin QSOP (8-pin SO footprint)
♦♦ 10Mbps Data Rate
♦♦ Allow up to 128 Receivers on the Bus
♦♦ 1nA Low-Power Shutdown Mode
♦♦ 2.4mA Operating Supply Current
♦♦ Pin-Compatible Upgrades to ’26LS32
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
B1
VCC
B4
A4
Y4
G
Y3
A3
B3
TOP VIEW
MAX3095
MAX3096
DIP/SO/QSOP
A1
Y1
A2
G
Y2
B2
GND
+
Pin Configuration
Y1
Y2
Y3
Y4
A1
B1
A2
B2
A3
B3
A4
B4
MAX3095
MAX3096
VCC
GND
G
G
________________Functional Diagram
19-0498; Rev 3; 1/10
PART
MAX3095CPE+
MAX3095CSE+
MAX3095CEE+
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 QSOP
_______________Ordering Information
MAX3095EPE+
MAX3095ESE+
MAX3095EEE+
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP
MAX3096CPE+
MAX3096CSE+
MAX3096CEE+
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
16 QSOP
MAX3096EPE+
MAX3096ESE+
MAX3096EEE+
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX3096EPE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3096EPE MAXIM-MAX3096EPE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3096EPE MAXIM-MAX3096EPE Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results

Similar Description - MAX3096EPE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com