Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3096ESE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3096ESE+
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3096ESE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3096ESE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3096ESE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
4
_______________________________________________________________________________________
IEC1000-4-2 (Contact Discharge)
IEC1000-4-2 (Air-Gap Discharge)
Human Body Model
G = GND and G = VCC
No load, G = VCC or G = GND
CONDITIONS
±8
±15
kV
±15
ESD Protection
(Note 2)
µA
0.001
10
mA
2.4
4.0
ICC
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS—MAX3096 (continued)
(VCC = 3.135V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
|VID| = 3V,
Figure 2
VCC = 3.135V to 3.6V, TA = TMIN to TMAX
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
Figure 3
Figure 3
CONDITIONS
Mbps
10
fMAX
Maximum Data Rate
ns
80
180
tHZ
Output Disable Time from
High Level
ns
80
180
tLZ
Output Disable Time from
Low Level
88
98
112
ns
69
127
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
600
1000
tZH
Output Enable Time to
High Level
ns
600
1000
tZL
Output Enable Time to
Low Level
ns
24
Device-to-Device Propagation-
Delay Matching
82
92
106
78
88
102
69
79
93
103
113
127
91
101
115
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SWITCHING CHARACTERISTICS—MAX3096
(VCC = 3.135V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground, unless otherwise noted.
Note 2: Receiver inputs (A_, B_).
ns
-2
±10
tSK
Propagation-Delay Skew
(tPLH - tPHL)
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
VCC = 3.60V
VCC = 3.135V


Similar Part No. - MAX3096ESE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3096ESE MAXIM-MAX3096ESE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3096ESE MAXIM-MAX3096ESE Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results

Similar Description - MAX3096ESE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com