Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6365 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6365
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6365 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6365_09 Datasheet HTML 1Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 2Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 3Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 4Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 5Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 6Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 7Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 8Page - Maxim Integrated Products MAX6365_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.4V to +5.5V, VBATT = +3.0V, CE IN = VCC, reset not asserted, TA = -40°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Active Timeout Period
tRP
150
280
ms
ISINK = 1.6mA,
VCC > 2.1V
0.3
VOL
Reset asserted,
VBATT = 0
ISINK = 100µA,
VCC > 1.2V
0.4
RESET Output Voltage
VOH
Reset not asserted
(MAX636_L only)
ISOURCE = 500µA,
VCC > VTH(MAX)
0.8
VCC
V
VOL
Reset not asserted
ISINK = 1.6mA,
VCC > VTH (MAX)
0.3
ISOURCE = 1mA,
VCC > 1.8V
0.7
VCC
RESET Output Voltage
VOH
Reset not asserted,
VBATT = 0
(MAX636_H only)
(Note 3)
ISOURCE = 200µA,
VCC > 1.2V
0.8
VCC
V
RESET Output Leakage Current
ILKG
MAX636_P and MAX636_H only
1
µA
MANUAL RESET (MAX6365 only)
VIL
0.3
VCC
MR Input Voltage
VIH
0.7
VCC
V
Pullup Resistance
20
k
Ω
Minimum Pulse Width
1µs
Glitch Immunity
VCC = 3.3V
100
ns
MR to Reset Delay
VCC = 3.3V
120
ns
WATCHDOG (MAX6366 only)
Watchdog Timeout Period
tWD
1.00
1.65
2.25
s
Minimum WDI Input Pulse Width
tWDI
100
ns
VIL
0.3
VCC
WDI Input Voltage
VIH
0.7
VCC
V
WDI Input Current
-1.0
1.0
µA
BATT ON (MAX6367 only)
Output Voltage
VOL
ISINK = 3.2mA, VBATT = 2.1V
0.4
V
Sink current, VCC = 5V
60
mA
Output Short-Circuit Current
Source current, VBATT > 2V
10
30
100
µA


Similar Part No. - MAX6365_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365HKA23-T MAXIM-MAX6365HKA23-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA26-T MAXIM-MAX6365HKA26-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA29-T MAXIM-MAX6365HKA29-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA31-T MAXIM-MAX6365HKA31-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6365HKA44-T MAXIM-MAX6365HKA44-T Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
More results

Similar Description - MAX6365_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com