Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8855 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8855
Description  Dual, 5A, 2MHz Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8855 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8855 Datasheet HTML 4Page - Maxim Integrated Products MAX8855 Datasheet HTML 5Page - Maxim Integrated Products MAX8855 Datasheet HTML 6Page - Maxim Integrated Products MAX8855 Datasheet HTML 7Page - Maxim Integrated Products MAX8855 Datasheet HTML 8Page - Maxim Integrated Products MAX8855 Datasheet HTML 9Page - Maxim Integrated Products MAX8855 Datasheet HTML 10Page - Maxim Integrated Products MAX8855 Datasheet HTML 11Page - Maxim Integrated Products MAX8855 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Dual, 5A, 2MHz Step-Down Regulator
8
_______________________________________________________________________________________
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
27, 28
IN1
Power-Supply Input for Regulator 1. The voltage range is 2.35V to 3.6V. Connect two 10µF and one 0.1µF
ceramic capacitors from IN1 to PGND1.
29
EN1
Enable Input for Regulator 1. Drive EN1 high to enable regulator 1, or low for shutdown. For always-on
operation, connect EN1 to VDD.
30
COMP1
Compensation for Regulator 1. COMP1 is the output of the internal voltage-error amplifier. Connect external
compensation network from COMP1 to FB1. See the Compensation Design section. COMP1 is internally
pulled to GND when the output is shut down.
31
FB1
Feedback Input for Regulator 1. Connect FB1 to the center of an external resistor-divider from the output to
GND to set the output voltage from 0.6V to 90% of VIN1. FB1 is high impedance when the IC is shut down.
32
SS1
Soft-Start for Regulator 1. Connect a capacitor from SS1 to GND to set the startup time. See the Setting the
Soft-Start Time section. When E1 is disabled (pulled low), or Regulator 1 is in shutdown mode due to a fault
condition, SS1 is internally pulled low with 335
Ω resistor.
EP
Exposed Pad. Connect the exposed pad to the power ground plane.
Detailed Description
PWM Controller
The controller logic block is the central processor that
determines the duty cycle of the high-side MOSFET
under different line, load, and temperature conditions.
Under normal operation, where the current-limit and
temperature protection are not triggered, the control
logic block takes the output from the PWM comparator
and generates the driver signals for both high-side and
low-side MOSFETs. It also contains the break-before-
make logic and the timing for charging the bootstrap
capacitors. The error signal from the voltage-error
amplifier is compared with the ramp signal generated
by the oscillator at the PWM comparator and, thus, the
required PWM signal is produced. The high-side switch
is turned on at the beginning of the oscillator cycle and
turns off when the ramp voltage exceeds the VCOMP
signal or the current-limit threshold is exceeded. The
low-side switch is then turned on for the remainder of
the oscillator cycle. The two switching regulators oper-
ate at the same switching frequency with 180° phase
shift to reduce the input-capacitor ripple current
requirement. Figure 1 shows the MAX8855 functional
diagram.
Current Limit
The MAX8855 provides both peak and valley current limits
to achieve robust short-circuit protection. During the
high-side MOSFET’s on-time, if the drain-source current
reaches the peak current-limit threshold (specified in
the
Electrical Characteristics table), the high-side MOS-
FET turns off and the low-side MOSFET turns on, allow-
ing the current to ramp down. At the next clock, the
high-side MOSFET is turned on only if the inductor cur-
rent is below the valley current limit. Otherwise, the PWM
cycle is skipped to continue ramping down the inductor
current. When the inductor current stays above the valley
current limit for 12µs and the FB_ is below 0.7 x VREFIN,
the regulator enters hiccup mode. During hiccup mode,
the SS_ capacitor is discharged to zero and the soft-start
sequence begins after a predetermined time period.
Undervoltage Lockout (UVLO)
When the VDD supply voltage drops below the falling
undervoltage threshold (typically 1.9V), the MAX8855
enters its undervoltage lockout mode (UVLO). UVLO
forces the device to a dormant state until the input volt-
age is high enough to allow the device to function reli-
ably. In UVLO, LX_ nodes of both regulators are in the
high-impedance state. PWRGD1 and PWRGD2 are
forced low in UVLO. When VVDD rises above the rising
undervoltage threshold (typically 2V), the IC powers up
normally as described in the
Startup and Sequencing
section.
The UVLO circuitry also monitors the IN1 and IN2 sup-
plies. When the IN_ voltage drops below the falling
undervoltage threshold (typically 1.9V), the correspond-
ing regulator shuts down, and corresponding PWRGD_
goes low. The regulator powers up when VIN_ rises
above the rising undervoltage threshold (typically 2V).
Power-Good Output (PWRGD_)
PWRGD1 and PWRGD2 are open-drain outputs that
indicate when the corresponding output is in regulation.
PWRGD1 is high impedance when VREFIN ≥ 0.54V and
VFB1 ≥ 0.9 x VREFIN. PWRGD1 is low when VREFIN <
0.54V, EN1 is low, VVDD or VIN1 is below VUVLO, the
thermal-overload protection is activated, or when VFB1
< 0.9 x VREFIN.


Similar Part No. - MAX8855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8855 MAXIM-MAX8855 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
MAX8855 MAXIM-MAX8855 Datasheet
258Kb / 11P
   Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
MAX8855A MAXIM-MAX8855A Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
MAX8855AETJ MAXIM-MAX8855AETJ Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
More results

Similar Description - MAX8855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Linear Technology
LT3976 LINER-LT3976_15 Datasheet
417Kb / 28P
   40V, 5A, 2MHz Step-Down Switching Regulator with 3.3A Quiescent Current
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LT3976 LINER-LT3976 Datasheet
417Kb / 28P
   40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com