Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8855 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8855
Description  Dual, 5A, 2MHz Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8855 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8855 Datasheet HTML 1Page - Maxim Integrated Products MAX8855 Datasheet HTML 2Page - Maxim Integrated Products MAX8855 Datasheet HTML 3Page - Maxim Integrated Products MAX8855 Datasheet HTML 4Page - Maxim Integrated Products MAX8855 Datasheet HTML 5Page - Maxim Integrated Products MAX8855 Datasheet HTML 6Page - Maxim Integrated Products MAX8855 Datasheet HTML 7Page - Maxim Integrated Products MAX8855 Datasheet HTML 8Page - Maxim Integrated Products MAX8855 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Dual, 5A, 2MHz Step-Down Regulator
_______________________________________________________________________________________
5
SWITCHING FREQUENCY
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
35
920
940
960
980
1000
1020
1040
1060
1080
1100
900
-40
-15
10
60
85
FEEDBACK VOLTAGE
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
35
592
594
596
598
600
602
604
606
608
610
590
-40
-15
10
60
85
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.10
1
2
3
4
5
6
7
8
9
10
0
2.35
2.60
2.85
3.35
3.60
IIN1 + IIN2 + IVDL + IVDD
LOAD TRANSIENT
MAX8855 toc07
20
µs/div
IOUT
VOUT
1A/div
100mV/div
1.8V OUTPUT
3.0A
1.5A
1.5A
SWITCHING WAVEFORMS
MAX8855 toc08
400ns/div
IL2
IL1
VLX2
VLX1
2V/div
2V/div
2A/div
2A/div
SOFT-START AND SHUTDOWN
MAX8855 toc09
400
µs/div
3A LOAD
IIN
VOUT2
VPWRGD
VEN2
5V/div
2V/div
1V/div
1A/div
Typical Operating Characteristics (continued)
(VIN1 = VIN2 = 3.3V. MAX8855, circuit of Figure 6, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8855 MAXIM-MAX8855 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
MAX8855 MAXIM-MAX8855 Datasheet
258Kb / 11P
   Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
Rev 0; 10/10
MAX8855A MAXIM-MAX8855A Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
MAX8855AETJ MAXIM-MAX8855AETJ Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
More results

Similar Description - MAX8855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Linear Technology
LT3976 LINER-LT3976_15 Datasheet
417Kb / 28P
   40V, 5A, 2MHz Step-Down Switching Regulator with 3.3A Quiescent Current
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
   5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LT3976 LINER-LT3976 Datasheet
417Kb / 28P
   40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com