Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5028EUT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5028EUT-T
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5028EUT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5028EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 12Page - Maxim Integrated Products MAX5028EUT-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
500kHz, 36V Output, SOT23,
Step-Up DC-DC Converters
_______________________________________________________________________________________
9
where VREF is 1.25V
Determining Peak Inductor Current
If the boost converter remains in the discontinuous
mode of operation, then the approximate peak inductor
current, ILPEAK, is represented by the formula below:
where TS is the period, VOUT is the output voltage, VIN
is the input voltage, IOUT is the output current, and
η is
the efficiency of the boost converter.
Determining the Inductor Value
47µH is the recommended inductor value when the out-
put voltage is 30V and the input voltage is 5V. In gener-
al, the inductor should have a current rating greater
than the current-limit value. For example, the inductor’s
current rating should be greater than 150mA to support
a 4mA output current. Equivalent series resistance
(ESR) should be below 1Ω for reasonable efficiency.
Due to the MAX5025–MAX5028’s high switching fre-
quency, inductors with a ferrite core or equivalent are
recommended. Powdered iron cores are not recom-
mended due to their high losses at frequencies over
500kHz. Table 1 shows a list of vendors and 47µH
inductor parts.
For 4mA output current and output voltages other than
30V, the inductor can be simply scaled in value
according to the following formula:
Use the following formula to calculate the upper bound
of the inductor value at different output voltages and
output currents. This is the maximum inductance value
for discontinuous mode operation.
Calculate the lower bound, LLOWER, for the acceptable
inductance value using the following formula, which will
allow the maximum output current to be delivered with-
out reaching the peak current limit:
Notice that the switch current limit, (VIN/5)(260mA), is a
function of the input voltage, VIN. The current rating of
the inductor should be greater than the switch current
limit.
L
TV
V
I
V
mA
LOWER
S
OUT
IN
OUT
IN
=
()
()
⎝⎜
⎠⎟
2
5
260
2
η
L
VV
V
T
IV
UPPER
OUT
IN
S
OUT
OUT
IN
=
()
2
2
2
η
L
HV
V
V
OUT
IN
= ()
()
()
47
25
μ
I
TV
V
I
L
LPEAK
S
OUT
IN
OUT
=
()
2
η
RR
V
V
OUT
REF
12
1
=
⎝⎜
⎠⎟
-
CONTROL
LOGIC
MAIN PWM
COMPARATOR
CURRENT-
LIMIT
COMPARATOR
FB
REF
-A
+A
+C
-C
MAX5025
MAX5026
THERMAL
SHUTDOWN
OSCILLATOR
ULVO
PGND
3
GND
2
VCC
5
SHDN
4
1
6
LX
N
Table 1. Inductor Vendors
VENDOR
PHONE
FAX
PART NUMBER OF 47µH INDUCTOR
Coilcraft
847-639-6400
847-639-1469
DT1608C-473
Sumida
847-545-6700
847-545-6720
CDRH4D28-470
Toko
847-297-0070
847-699-7864
A915BY-470M
Figure 1. Functional Diagram


Similar Part No. - MAX5028EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5028EUT-T MAXIM-MAX5028EUT-T Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT-T MAXIM-MAX5028EUT-T Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
More results

Similar Description - MAX5028EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX15032 MAXIM-MAX15032 Datasheet
289Kb / 10P
   500kHz, 36V Output, 600mW PWM Step-Up DC-DC Converter
Rev 0; 8/08
logo
Analog Intergrations Co...
AIC1553 AIC-AIC1553 Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com