Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA5215A Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA5215A
Description  5.8GHz Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5215A Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA5215A Datasheet HTML 4Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 5Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 6Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 7Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 8Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 9Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 10Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 11Page - United Monolithic Semiconductors CHA5215A Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
5.8 GHz Medium Power Amplifier
CHA5215a
Ref. : DSCHA52150160 -08-Jun-00
11/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


Similar Part No. - CHA5215A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5250-QDG UMS-CHA5250-QDG Datasheet
518Kb / 16P
   5.5-9GHz Medium Power Amplifier
CHA5250-QDG UMS-CHA5250-QDG_15 Datasheet
518Kb / 16P
   5.5-9GHz Medium Power Amplifier
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
   10-16 GHz Medium Power Amplifier
CHA5266-QDG UMS-CHA5266-QDG Datasheet
428Kb / 14P
   10-16 GHz Medium Power Amplifier
CHA5266-QDG UMS-CHA5266-QDG_15 Datasheet
428Kb / 14P
   10-16 GHz Medium Power Amplifier
More results

Similar Description - CHA5215A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com