Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9921 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9921 Datasheet HTML 1Page - Maxim Integrated Products MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products MAX9921 Datasheet HTML 7Page - Maxim Integrated Products MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
4
_______________________________________________________________________________________
Timing Diagrams
14mA
7mA
0mA
5V
0V
5V
0V
5V
0V
5V
0V
HALL SENSOR OPEN CIRCUIT
SHORT CIRCUIT
4mA/
μs
tDEL
APPROX. 50mA
RETRY
tERR
tERR
IN 1
OUT1
OUT2
ERR
DIAG
Figure 1. Timing Diagram


Similar Part No. - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
167Kb / 6P
   Proven PCB Layout
Rev 0; 6/08
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
   Proven PCB Layout
Rev 0; 6/08
MAX9921EVKIT++ MAXIM-MAX9921EVKIT+ Datasheet
167Kb / 6P
   Proven PCB Layout
Rev 0; 6/08
More results

Similar Description - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
logo
Allegro MicroSystems
APS12450 ALLEGRO-APS12450 Datasheet
1Mb / 23P
   Three-Wire Hall-Effect Latch with Advanced Diagnostics
APS11450 ALLEGRO-APS11450 Datasheet
1Mb / 24P
   Three-Wire Hall-Effect Switch with Advanced Diagnostics
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
   Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com