Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9938HEUK+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9938HEUK+
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9938HEUK+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9938HEUK+ Datasheet HTML 1Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 2Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 3Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 4Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 5Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 6Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 7Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 8Page - Maxim Integrated Products MAX9938HEUK+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = VRS- = 3.6V, VSENSE = (VRS+ - VRS-) = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: VOUT = 0. ICC is the total current into RS+ plus RS- pins.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VRS+ = 5V, TA = +25°C
0.5
0.85
VRS+ = 5V, -40°C < TA < +85°C
1.1
VRS+ = 28V, TA = +25°C
1.1
1.8
Supply Current (Note 2)
ICC
VRS+ = 28V, -40°C < TA < +85°C
2.5
µA
Common-Mode Input Range
VCM
Guaranteed by CMRR , -40°C < TA < +85°C
1.6
28
V
Common-Mode Rejection Ratio
CMRR
1.6V < VRS+ < 28V, -40°C < TA < +85°C
94
130
dB
TA = +25°C
±100
±500
Input Offset Voltage (Note 3)
VOS
-40°C < TA < +85°C
±600
µV
MAX9938T
25
MAX9938F
50
MAX9938H
100
Gain
G
MAX9938W
200
V/V
TA = +25°C
±0.1
±0.5
Gain Error (Note 4)
GE
-40°C < TA < +85°C
±0.6
%
MAX9938T/F/H
7.0
10
13.2
Output Resistance
ROUT
(Note 5)
MAX9938W
14.0
20
26.4
k
Ω
Gain = 25
1.5
15
Gain = 50
3
30
Gain = 100
6
60
OUT Low Voltage
VOL
Gain = 200
12
120
mV
OUT High Voltage
VOH
VOH = VRS- - VOUT (Note 6)
0.1
0.2
V
VSENSE = 50mV, gain = 25
125
VSENSE = 50mV, gain = 50
60
VSENSE = 50mV, gain = 100
30
Small-Signal Bandwidth
(Note 5)
BW
VSENSE = 50mV, gain = 200
15
kHz
Output Settling Time
tS
1% final value, VSENSE = 50mV
100
µs
Power-Up Time
tON
1% final value, VSENSE = 50mV
200
µs
RS+, RS- to GND....................................................-0.3V to +30V
OUT to GND .............................................................-0.3V to +6V
RS+ to RS- ...........................................................................±30V
Short-Circuit Duration: OUT to GND ..........................Continuous
Continuous Input Current (Any Pin)..................................±20mA
Continuous Power Dissipation (TA = +70°C)
4-Bump UCSP (derate 3.0mW/°C above +70°C).........238mW
5-Pin SOT23 (derate 3.9mW/°C above +70°C)............312mW
6-Pin µDFN (derate 4.5mW/°C above +70°C) .............358mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Bump Temperature (soldering) Reflow............................+260°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C


Similar Part No. - MAX9938HEUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938HEUK++ MAXIM-MAX9938HEUK+ Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938HEUK++ MAXIM-MAX9938HEUK+ Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results

Similar Description - MAX9938HEUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com