Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9938FELT+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9938FELT+
Description  1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9938FELT+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9938FELT+ Datasheet HTML 1Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 2Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 3Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 4Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 5Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 6Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 7Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 8Page - Maxim Integrated Products MAX9938FELT+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9938 high-side current-sense amplifier offers
precision accuracy specifications of VOS less than
500µV (max) and gain error less than 0.5% (max).
Quiescent supply current is an ultra-low 1µA. The
MAX9938 fits in a tiny, 1mm x 1mm UCSP™ package
size or a 5-pin SOT23 package, making the part ideal for
applications in notebook computers, cell phones, PDAs,
and all battery-operated portable devices where accura-
cy, low quiescent current, and small size are critical.
The MAX9938 features an input common-mode voltage
range from 1.6V to 28V. These current-sense amplifiers
have a voltage output and are offered in four gain versions:
25V/V (MAX9938T), 50V/V (MAX9938F), 100V/V
(MAX9938H), and 200V/V (MAX9938W).
The three gain selections offer flexibility in the choice of
the external current-sense resistor. The very low 500µV
(max) input offset voltage allows small 25mV to 50mV
full-scale VSENSE voltage for very low voltage drop at
full-current measurement.
The MAX9938 is offered in tiny 4-bump, UCSP (1mm x
1mm x 0.6mm footprint), 5-pin SOT23, and 6-pin µDFN
(2mm x 2mm x 0.8mm) packages specified for operation
over the -40°C to +85°C extended temperature range.
Applications
Cell Phones
PDAs
Power Management Systems
Portable/Battery-Powered Systems
Notebook Computers
Features
o Ultra-Low Supply Current of 1µA (max)
o Low 500µV (max) Input Offset Voltage
o Low < 0.5% (max) Gain Error
o Input Common Mode: +1.6V to +28V
o Voltage Output
o Three Gain Versions Available
25V/V (MAX9938T)
50V/V (MAX9938F)
100V/V (MAX9938H)
200V/V (MAX9938W)
o Tiny 1mm x 1mm x 0.6mm, 4-Bump UCSP,
5-Pin SOT23, or 2mm x 2mm x 0.8mm, 6-Pin
µDFN Packages
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
________________________________________________________________
Maxim Integrated Products
1
MAX9938T/F/H/W
MAX9938T/F/H/W
54
13
2
RS+
RS-
GND
OUT
GND
SOT23
UCSP
TOP VIEW
(BUMPS ON BOTTOM)
B1
B2
A1
GND
RS+
OUT
RS-
A2
1
2
3
6
5
4
RS-
N.C.
RS+
MAX9938FELT
µDFN
TOP VIEW
(PADS ON BOTTOM)
OUT
N.C.
GND
DRAWINGS NOT TO SCALE
Pin Configurations
19-4110; Rev 3; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
UCSP is a trademark of Maxim Integrated Products, Inc.
Ordering Information
+
Denotes a lead(Pb)-free/RoHS-compliant package.
G45 indicates protective die coating.
Note: All devices are specified over the -40°C to +85°C
extended temperature range.
PART
PIN-
PACKAGE
GAIN
(V/V)
TOP
MARK
MAX9938TEBS+G45
4 UCSP
25
+AGD
MAX9938FEBS+G45
4 UCSP
50
+AGE
MAX9938HEBS+G45
4 UCSP
100
+AGF
MAX9938WEBS+G45
4 UCSP
200
+AGI
MAX9938TEUK+
5 SOT23
25
+AFFB
MAX9938FEUK+
5 SOT23
50
+AFFC
MAX9938HEUK+
5 SOT23
100
+AFFD
MAX9938WEUK+
5 SOT23
200
+AFGZ
MAX9938FELT+
6 µDFN
50
+ACM


Similar Part No. - MAX9938FELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938FELT++ MAXIM-MAX9938FELT+ Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938FELT++ MAXIM-MAX9938FELT+ Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results

Similar Description - MAX9938FELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
   Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com