Selected language     English  ▼


TC54VN2702EZB Datasheet(PDF) 1 Page - Microchip Technology

Part No. TC54VN2702EZB
Description  Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

 
 1 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 1
TC54
Features
• ±2.0% Detection Thresholds
• Small Packages: 3-Pin SOT-23A, 3-Pin SOT-89,
and TO-92
• Low Current Drain: 1 µA (Typical)
• Wide Detection Range: 1.1V to 6.0V
• Wide Operating Voltage Range: 0.7V to 10V
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-Out Protection
• Switching Circuit in Battery Backup
• Level Discriminator
Functional Block Diagram
General Description
The TC54 series are CMOS voltage detectors that are
especially well suited for battery-powered applications
because of their extremely low 1 µA operating current
and small surface-mount packaging. Each part is laser-
trimmed to the desired threshold voltage, which can be
specified from 1.4V to 6.0V with a 2% tolerance.
The TC54 is available with either an open-drain or com-
plementary output stage. During operation, the TC54's
output (VOUT) remains in the logic-high state as long as
VIN is greater than the specified threshold voltage
(VDET –). When VIN falls below VDET –, the output is
driven to a logic-low. VOUT remains low until VIN rises
above VDET – by an amount VHYST, whereupon it
resets to a logic-high.
Package Types
Device Features
VOUT
TC54VC only
VSS
+
VIN
TC54VN has open-drain output.
TC54VC has complementary(push-pull) output.
VREF
1
3
2
VIN VSS
VOUT
TC54
3-Pin SOT-89
Note:
3-Pin SOT-23A is equivalent to the
EIAJ SC-59
3-Pin TO-92
12 3
VSS
VIN
VOUT
VIN
VOUT
VSS
3
12
TC54
3-Pin SOT-23A
VIN
Device
Output
Reset Delay
Std. Trip Points(1) (typical)
Type
State
TC54VN
Open-Drain
Active Low
No
1.4V, 2.1V, 2.7V, 2.9V
TC54VC
Push-Pull
Active Low
No
3.0V, 4.2V, 4.3V
Note 1:
Custom Trip Points available. Minimum order requirement. Information available upon request.
Voltage Detector




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl