Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9601E Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9601E
Description  USB to Ethernet MAC Controller with Integrated 10/100 PHY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9601E Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9601E Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9601E Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9601E Product Brief
USB to Ethernet MAC Controller with Integrated 10/100 PHY
June 2008 Rev.1.0
The DM9601 is a fully integrated and cost-effective single chip USB to Fast
Ethernet MAC controller with 10/100 PHY. It is designed with the low power and
high performance process. It is a 3.3V device with 5V tolerance then it supports 3.3V
and 5V signaling.
The DM9601 provides USB transceiver compliant with USB1.1, 10/100M PHY,
MAC controller, memory controller and an external MII interface to connect HPNA
device or other support MII interface transceiver. This chip already integrated 16K
byte SRAM. The DM9601 interfaces to the UTP3, 4, 5 in 10Base-T and UTP5 in
100Base-TX. It is fully compliance with the IEEE 802.3u Spec. Its auto-negotiation
function will automatically configure the DM9601 to take the maximum advantage of
its abilities. The DM9601 is also support IEEE 802.3x full-duplex flow control.
The DM9601 supports 3 wake-up event to wake-up system from suspend mode.
There are 7 GPIO pins (General purpose I/O) for user’s application.
Block Diagram
EEPROM
Interface
External MII
Interface
LED
TX+/-
RX+/-
MII Management
Control
& MII Register
Autonegotiation
Memory
Management
RX Machine
TX Machine
MAC
MII
100 Base-TX
PCS
100 Base-TX
transceiver
10 Base-T
Tx/Rx
PHYceiver
Control &Status
Registers
Internal
SRAM
DM
DP


Similar Part No. - DM9601E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9601E ETC1-DM9601E Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
More results

Similar Description - DM9601E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
   Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Synaptics Incorporated.
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
   Integrated 10/100 Ethernet MAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com