Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES636 Datasheet(PDF) 11 Page - Cyrustek corporation

Part # ES636
Description  True RMS-to-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES636 Datasheet(HTML) 11 Page - Cyrustek corporation

Back Button ES636_09 Datasheet HTML 5Page - Cyrustek corporation ES636_09 Datasheet HTML 6Page - Cyrustek corporation ES636_09 Datasheet HTML 7Page - Cyrustek corporation ES636_09 Datasheet HTML 8Page - Cyrustek corporation ES636_09 Datasheet HTML 9Page - Cyrustek corporation ES636_09 Datasheet HTML 10Page - Cyrustek corporation ES636_09 Datasheet HTML 11Page - Cyrustek corporation ES636_09 Datasheet HTML 12Page - Cyrustek corporation ES636_09 Datasheet HTML 13Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
09/02/16
11
ES636
True RMS-to-DC Converters
reduce the settling time and ripple is to use a post filter.
Two suggested circuits are
wn in Figure 4 and Figure 5. A post filter allows a smaller CAV. With post filter,
e value of CAV should be just large enough to give the maximum dc error at the
west frequency of interest. And the output ripple will be removed by the post filter.
level. Figure 11
present the frequency response of the converters from 35mV to 1V for ES636.
, and ±3dB of reading
dditional error. Caution must be used when designing RMS measuring systems so that
sho
th
lo
Figure 5(a). ES636 with a One-Pole Filter
(b) with a Two-Pole Filter
Decibel Output (dB)
The dB output of the ES636 originates in the squarer/divider section and works well
over a 50dB range. The dB output has a temperature drift of 0.03dB/℃.
Frequency Response
ES636 utilizes a logarithmic circuit in performing the RMS computation of the input
signal. The bandwidth of the RMS converters is proportional to signal
re
The dashed lines indicate the upper frequency limits for 1%, 10%
a
CURRENT
MIRROR
SQUARE
DIVIDER
ABSOLUTE
VALUE
Cav
-
+
-Vs
+Vs
Vin
Vout
BUF
+
-
1
2
3
4
5
6
78
9
10
11
12
13
14
+Vs
C
2
+
-
CURRENT
MIRROR
SQUARE
DIVIDER
ABSOLUTE
VALUE
Cav
-
+
-Vs
+Vs
Vin
BUF
+
-
1
2
3
4
5
6
78
9
10
11
12
13
14
+Vs
Vout
C
2
C
3
10K
Ω
-
+


Similar Part No. - ES636_09

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results

Similar Description - ES636_09

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com