Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS15TSJ35T Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS15TSJ35T
Description  SATA HDD Enclosure
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS15TSJ35T Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS15TSJ35T Datasheet HTML 1Page - Transcend Information. Inc. TS15TSJ35T Datasheet HTML 2Page - Transcend Information. Inc. TS15TSJ35T Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S
S
Sttto
o
orrre
e
eJ
J
Je
e
ettt
®
®
® 3
3
35
5
5 T
T
Tu
u
urrrb
b
bo
o
o
SATA HDD Enclosure
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB differential signal
USB+
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Specifications
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or
implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in
specifications at any time without prior notice.
Environment
Storage Media
3.5 inch SATA Hard Disk Drive
Temperature
Operation
5 ℃ to 55 ℃
Storage
-20 ℃ to 60 ℃
Power Supply
DC input: 12V/2A
Size (L x W x H)
152.40mm ×44.80mm ×172.40mm
Weight
1040g (Max.)
Certificates
CE, FCC, BSMI


Similar Part No. - TS15TSJ35T

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS15TSJ35U TRANSCEND-TS15TSJ35U Datasheet
121Kb / 3P
   Works with all 3.5??SATA hard drives
More results

Similar Description - TS15TSJ35T

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS250GSJ25C TRANSCEND-TS250GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S-S TRANSCEND-TS0GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
logo
Coolgear Inc.
USB-31SA25MB COOLGEAR-USB-31SA25MB Datasheet
508Kb / 2P
   B SATA 2.5 HDD Enclosure
logo
Transcend Information. ...
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
TS120GSJ18M TRANSCEND-TS120GSJ18M Datasheet
94Kb / 3P
   ZIF PATA HDD Enclosure
logo
Axiomtek Co., Ltd.
AX61132TM AXIOMTEK-AX61132TM Datasheet
300Kb / 2P
   Internal two SATA HDD drive bays
logo
List of Unclassifed Man...
UA0115 ETC-UA0115 Datasheet
427Kb / 1P
   USB3.0 HDD Enclosure for 2.5
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
   Supports one 2.5 IDE or SATA HDD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com