Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4GCF266 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS4GCF266
Description  266X CompactFlash Card
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GCF266 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS4GCF266 Datasheet HTML 1Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 2Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 3Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 4Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 5Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 6Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 7Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 8Page - Transcend Information. Inc. TS4GCF266 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~8
8
8G
G
GC
C
CF
F
F2
2
26
6
66
6
6
266X CompactFlash Card
Transcend Information Inc.
1
Description
The Transcend CF 266X is a High Speed Compact
Flash Card with high quality Flash Memory assembled
on a printed circuit board.
Placement
Features
• CompactFlash Specification Version 4.1 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V
±5% or 5V±10%
• Operating Temperature: -25
oC to 85oC
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports
Ultra DMA Mode 0 to Mode 4
MultiWord DMA Mode 0 to Mode 4
PIO Mode 0 to Mode 6
• Durability of Connector: 10,000 times
Support S.M.A.R.T (Self-defined)
Support Wear-Leveling to extend product life
Compliant to CompactFlash, PCMCIA, and ATA
standards
Dimensions


Similar Part No. - TS4GCF266

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GCF200I TRANSCEND-TS4GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Similar Description - TS4GCF266

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com