Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51918P Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES51918P
Description  11,000 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51918P Datasheet(HTML) 3 Page - Cyrustek corporation

  ES51918P Datasheet HTML 1Page - Cyrustek corporation ES51918P Datasheet HTML 2Page - Cyrustek corporation ES51918P Datasheet HTML 3Page - Cyrustek corporation ES51918P Datasheet HTML 4Page - Cyrustek corporation ES51918P Datasheet HTML 5Page - Cyrustek corporation ES51918P Datasheet HTML 6Page - Cyrustek corporation ES51918P Datasheet HTML 7Page - Cyrustek corporation ES51918P Datasheet HTML 8Page - Cyrustek corporation ES51918P Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
v1.08
06/04/03
3
ES51918
11,000 Counts Auto DMM
Pin Description
Pin No
Symbol
Type
Description
1
V+
O
Output of on-chip DC-DC converter.
2
V+
O
Output of on-chip DC-DC converter.
3
CREF+
I/O Positive connection for reference capacitor.
4
CREF-
I/O Negative connection for reference capacitor.
5
CINT
O
Integrator output. Connect to integral capacitor
6
CAZ
I
Auto-zero capacitor connection.
7
BUFF
O
Buffer output pin. Connect to integral resistor
8
RAZ
O
Buffer output pin in high-speed mode. Connect to high-speed integral
resistor.
9
IVSH
I
Current measurement input for 1100µA, 110mA and 11A modes.
10
IVSL
I
Current measurement input for 110µA, 11mA.
11
OVX
I
Input high voltage for resistance measurement
12
OVH
I
Output connection for resistance measurement
13
OVSG
I
Sense low voltage for resistance measurement
14
OR1
O
Reference resistor connection for 110.00Ω range
15
VR5
O
Voltage measurement ÷10000 attenuator(1000.0V)
16
VR4
O
Voltage measurement ÷1000 attenuator(110.00V)
17
VR3
O
Voltage measurement ÷100 attenuator(11.000V)
18
VR2
O
Voltage measurement ÷10 attenuator(1.1000V)
19
TEST 5
I/O Test pin
20
ACVL
O
DC signal low input in ACV/ACA mode. Connect to negative output
of external AC to DC converter.
21
ACVH
O
DC signal high input in ACV/ACA mode. Connect to positive output
of external AC to DC converter.
22
ADI
I
Negative input of internal AC to DC OP Amp.
23
ADO
O
Output of internal AC to DC OP Amp.
24
ADOHZ
I
Frequency input under voltage/current mode, offset to AGND.
25
OPO
O
Output of internal independent OP Amp.
26
OPIN+
I
Positive input terminal of on-chip independent OP Amp.
27
OPIN-
I
Negative input terminal of on-chip independent OP Amp.
28
PWD
I
Power-down enable for on-chip independent OP Amp.
29
VRH
O
Output of band-gap voltage reference. Typically –1.23V
30
VR
I
Reference input voltage connection. Typically –100mV
31
VA+
I
For ADP mode. De-integrating voltage positive input. The input
should be higher than VA-.
32
VA-
I
For ADP mode. De-integrating voltage negative input. The input
should be lower than VA+.
33
ADP
I
Measurement input in ADP mode.
34
SGND
G
Signal Ground.
35
VR1
I
Measurement input.
36
VBAR
I
In capacitance mode, a compensation capacitor is connected.
In temperature mode, it is used to control decimal point.
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign.
37
PMIN
O
Minimum peak hold output
38
PMAX
O
Maximum peak hold output.
39
R9K
O
Connect to a precise 9KΩ resister for capacitor measurement.
40
R1K
O
Connect to a precise 1KΩ resister for capacitor measurement.
41
CA-
I/O Negative auto-zero capacitor connection for capacitor measurement
42
CA+
I/O Positive auto-zero capacitor connection for capacitor measurement
43
OHMC1
O
Filter capacitor connection for resistance mode.


Similar Part No. - ES51918P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
More results

Similar Description - ES51918P

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com