Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM1190 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHM1190
Description  K Band Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1190 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHM1190 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1190 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1190 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1190 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1190 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1190 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K Band Mixer
CHM1190
Ref. : DSCHM11909025
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical test fixture measurements
Tamb. = 25°C
A) Down- converter
-12
-10
-8
-6
-4
-2
21
22
23
24
25
LO Frequency (GHz)
IF=2GHz
-12
-10
-8
-6
-4
-2
01
23
4
IF Frequency (GHz)
LO=23GHz
Conversion gain versus LO frequency
Conversion gain versus IF frequency
LO Input power= 9dBm (1)
LO Input power= 9dBm (1)
B) Up- converter
-12
-10
-8
-6
-4
-2
21
22
23
24
25
LO Frequency (GHz)
IF=2GHz
-12
-10
-8
-6
-4
-2
01
23
4
IF Frequency (GHz)
LO=23GHz
Conversion gain versus LO frequency
Conversion gain versus IF frequency
LO Input power= 9dBm (1)
LO Input power= 9dBm (1)
-12
-10
-8
-6
-4
-2
0
2
01
23
456
78
9
10
RF Input power (dBm)
IF=2GHz
LO=23GHz
-12
-10
-8
-6
-4
-2
0
2
-5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
8
9 10
IF Input power (dBm)
IF=2GHz
LO=23GHz
Input compression point versus RF power
Input compression point versus IF power
LO Input power= 9dBm (1)
LO Input power= 9dBm (1)


Similar Part No. - CHM1190

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHM1191-99F/00 UMS-CHM1191-99F/00 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
   K-Band Mixer
CHM1193-99F/00 UMS-CHM1193-99F/00 Datasheet
87Kb / 6P
   K-Band Mixer
More results

Similar Description - CHM1190

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
   K-Band Mixer
CHV2241 UMS-CHV2241 Datasheet
215Kb / 8P
   K-band Oscillator with integrated Q-band Harmonic Mixer
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
   W-band Mixer
logo
Zhaoxingwei Electronics...
JDH2S01FS ZHAOXINGWEI-JDH2S01FS Datasheet
224Kb / 3P
   UHF Band Mixer
logo
United Monolithic Semic...
CHM2179B UMS-CHM2179B Datasheet
135Kb / 9P
   W-band Mixer
CHM2179A UMS-CHM2179A Datasheet
82Kb / 6P
   W-band Mixer
logo
Toshiba Semiconductor
JDH2S01FS TOSHIBA-JDH2S01FS Datasheet
126Kb / 4P
   UHF Band Mixer
JDH2S03S TOSHIBA-JDH2S03S Datasheet
191Kb / 3P
   UHF Band Mixer
JDH2S02SC TOSHIBA-JDH2S02SC Datasheet
179Kb / 4P
   UHF Band Mixer
JDH2S02FS TOSHIBA-JDH2S02FS Datasheet
160Kb / 4P
   UHF Band Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com