Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51969 Datasheet(PDF) 7 Page - Cyrustek corporation

Part # ES51969
Description  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 Datasheet(HTML) 7 Page - Cyrustek corporation

Back Button ES51969 Datasheet HTML 3Page - Cyrustek corporation ES51969 Datasheet HTML 4Page - Cyrustek corporation ES51969 Datasheet HTML 5Page - Cyrustek corporation ES51969 Datasheet HTML 6Page - Cyrustek corporation ES51969 Datasheet HTML 7Page - Cyrustek corporation ES51969 Datasheet HTML 8Page - Cyrustek corporation ES51969 Datasheet HTML 9Page - Cyrustek corporation ES51969 Datasheet HTML 10Page - Cyrustek corporation ES51969 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
v2.6
7
08/10/06
ES51969
6,600 Counts Auto DMM
1.1.3 HCF signal detection
ES51969 provides detection of high-crest-factor (HCF) signal in ACV mode. ES51969
senses the signal and determines it as HCF if the Vpp is large enough. Once the signal
is determined as HCF, ES51969 will jump up one measuring range regardless of current
measurement value. It takes 60ms to jump one range up. The jumping up process will
continue until the maximum range is reached. With HCF detection, a more accurate
result could be obtained. For example, when a input signal with Vpp=300V,
Vrms=60V(CF=5) was applied, traditional DMMs might stay at 66V range but shows
counts with the amount of error up to 10% or even bigger. The error rises from limited
input/output swing at internal ADC. With HCF detection, DMM will stay at 660V range
and exhibits more accurate results.
In addition to accuracy improvement, HCF will speed up the measuring process for
high voltage signals. For example, a 1000Vrms is applied, ES51969 will take about
180ms (3 HCF jumps) to enter 1000V range. And it takes 1 or 2 measuring processes to
obtain the stable result. Thus a stable LCD reading could be obtained within 1 sec.
In determining whether the input signal is HCF, ES51969 senses the signal at VR1 for
fast response. However if a signal consists of a small ac part and a large enough dc part,
ES51969 might incorrectly treat it as HCF. This could incur range-looping phenomenon,
i.e., the measurement could not settle to a specific range. When this phenomenon
happens and keeps over 5 seconds, ES51969 will change the UL level to 460 or lower
counts (the default UL level is 500 counts in ACV mode). The measurement range will
stay at the higher one mostly, so the range-looping phenomenon will not occur again.


Similar Part No. - ES51969

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
More results

Similar Description - ES51969

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com