Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51992 Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES51992
Description  11,000 Counts ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51992 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES51992 Datasheet HTML 5Page - Cyrustek corporation ES51992 Datasheet HTML 6Page - Cyrustek corporation ES51992 Datasheet HTML 7Page - Cyrustek corporation ES51992 Datasheet HTML 8Page - Cyrustek corporation ES51992 Datasheet HTML 9Page - Cyrustek corporation ES51992 Datasheet HTML 10Page - Cyrustek corporation ES51992 Datasheet HTML 11Page - Cyrustek corporation ES51992 Datasheet HTML 12Page - Cyrustek corporation ES51992 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
06/09/20
9
ES51992
11,000 Counts ADC
4.2 Buzzer Setup
When the bit BUZ of ID Byte is set to “H”, the BUZOUT will output a square signal of
MPU I/O swing level to drive a external buzzer. The buzzer frequency is determined by
the bits B0/B1/B2 of STATUS Byte3. The configuration of buzzer frequency is listed at
the following table.
B2/B1/B0
BUZout (kHz)
111
4.00
110
3.33
101
3.08
100
2.67
011
2.22
010
2.00
001
1.33
000
1.00
4.3 Low Battery Detection
In a case of 3V battery power, the pin LBAT must be shorted to AGND. And the system
will have low battery detection level about 2.3V. In another case of 9V or other battery
power, the low battery detection happens when the voltage of LBAT is less than –1.23V
below GND. And the bit LBAT of STATUS Byte3 will be set to high. A recommended
application is shown as following:
The low battery detection level is around 7V
4.4 Sleep Mode
When the pin CS is connected to V- or GND (depended on I/O_control level), the
ES51992 will enter sleep mode. In Sleep mode, the chip draws a little supply current. It
could extend the battery life. To leave sleep mode or stay in normal mode, the pin CS
must be connected to AGND or floating.
Low battery test (9V)
680K
230K
BA
TT
LBAT
V-
AGND
0.1u
0V
9V


Similar Part No. - ES51992

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

Similar Description - ES51992

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com