Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM1290 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHM1290
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHM1290 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
20-30GHz SHP Mixer
CHM1290
Ref. : DSCHM12902045 - 14-Feb.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 4.0V Id=33mA
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
20
30
GHz
FLO
LO frequency range
10
15
GHz
FIF
IF frequency range
DC
6
GHz
Lc
Conversion Loss
10
12
dB
PLO
LO Input power
-4
8
dBm
2xLO Leak 2xLO Leakage (for PLO=-4dBm)
30
dBm
IP1dB
Input power at 1dB gain compression
-3
0
3
dBm
LO Match
LO Matching
2.0:1
RF Match
RF Matching
2.0:1
IF Match
IF Matching
2.0:1
Sz
Chip size
1.1
mm²
Id
Bias current
33
mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5.0
V
Id
Drain bias current
50
mA
Pin
Maximum peak input power overdrive (2)
TBD
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.


Similar Part No. - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290-99F UMS-CHM1290-99F Datasheet
242Kb / 6P
   20-30GHz Sub-Harmonic Mixer
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
   20-30GHz Sub-Harmonic Mixer
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
CHM1290REF/24 UMS-CHM1290REF/24 Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
More results

Similar Description - CHM1290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1290REF UMS-CHM1290REF Datasheet
199Kb / 8P
   20-30GHz SUB-HARMONICALLY PUMPED MIXER
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com