Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1GUFM-H Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS1GUFM-H
Description  128MB~8GB USB Flash Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GUFM-H Datasheet(HTML) 7 Page - Transcend Information. Inc.

  TS1GUFM-H Datasheet HTML 1Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 2Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 3Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 4Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 5Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 6Page - Transcend Information. Inc. TS1GUFM-H Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1
1
12
2
28
8
8M
M
MB
B
B~
~
~8
8
8G
G
GB
B
B U
U
US
S
SB
B
B F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
orrriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GU
U
UF
F
FM
M
M---H
H
H
Transcend Information Inc.
V1.2
7
Ordering Information
Ordering Information
Ordering Information
Ordering Information
1. The above technical information is based on industry standard data and has been tested to be reliable. However,
Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the
use of this product. Transcend reserves the right to make changes to the specifications at any time without prior notice.
2. For specific capacity, performance, and reliability requirement, please contact with sales.
USA
Los Angeles:
E-mail: sales@transcendusa.com
Maryland:
E-mail: sales_md@transcendusa.com
www.transcendusa.com
CHINA
E-mail: sales@transcendchina.com
www.transcendchina.com
GERMANY
E-mail: vertrieb@transcend.de
www.transcend.de
HONG KONG
E-mail: sales@transcend.com.hk
www.transcendchina.com
JAPAN
E-mail: sales@transcend.co.jp
www.transcend.jp
THE NETHERLANDS
E-mail: sales@transcend.nl
www.transcend.nl
United Kingdom
E-mail: sales@transcend-uk.com
www.transcend-uk.com
TAIWAN
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C
TEL +886-2-2792-8000
Fax +886-2-2793-2222
E-mail: sales@transcend.com.tw
www.transcend.com.tw
Korea
E-mail:sales@transcend.co.kr
www.transcend.co.kr
TS XG UFM -X
Capacity:
128M-8G = 128MB up to 8 GB
USB Flash Module
Transcend Product
Form Factor
V
= Vertical
H
= Horizontal


Similar Part No. - TS1GUFM-H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1GUFM-H TRANSCEND-TS1GUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
More results

Similar Description - TS1GUFM-H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MUFM-H TRANSCEND-TS128MUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
logo
Hynix Semiconductor
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
Samsung semiconductor
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K8P2815UQC SAMSUNG-K8P2815UQC Datasheet
1Mb / 62P
   128Mb C-die NOR FLASH
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8P2716UZC SAMSUNG-K8P2716UZC Datasheet
1Mb / 56P
   128Mb C-die Page NOR Flash
logo
White Electronic Design...
WED7PXXXATA70XXI25 WEDC-WED7PXXXATA70XXI25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
logo
Hanbit Electronics Co.,...
HFDOM44S6RXXX HANBIT-HFDOM44S6RXXX Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com