Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2296 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36- 40GHz Integrated Down Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CHR2296
Ref. : DSCHR22962147 25-May-02
5/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Ordering Information
Chip form
:
CHR2296-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
190Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F UMS-CHR2296-99F Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F00 UMS-CHR2296-99F00 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results

Similar Description - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
   36-40GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com