Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHU2277 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHU2277
Description  W-band Multifunction : Multiplier / MPA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU2277 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHU2277 Datasheet HTML 1Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 2Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 3Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 4Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 5Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 6Page - United Monolithic Semiconductors CHU2277 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
W-band Multiplier/MPA
CHU2277
Ref. DSCHU22771074 -15-Mar.-01
7/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Ordering Information
Chip form
:
CHU2277-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHU2277

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277 UMS-CHU2277 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
More results

Similar Description - CHU2277

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
   W-band Multi-function: Multiplier / MPA
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com