Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2092A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2092A
Description  10-40GHz Frequency Multiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2092A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2092A Datasheet HTML 1Page - United Monolithic Semiconductors CHX2092A Datasheet HTML 2Page - United Monolithic Semiconductors CHX2092A Datasheet HTML 3Page - United Monolithic Semiconductors CHX2092A Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHX2092a
Ref. : DSCHX20921074 -15-Mar.-01
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
10-40GHz Frequency Multiplier
GaAs Monolithic Microwave IC
Description
The CHX2092a is a cascadable by 4 frequency
multiplier monolithic circuit.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
Main Features
■ Broadband performances : 9-10GHz
■ 11dBm output power for +12dBm input power
■ DC bias : Vd=3.5Volt@Id=80mA
■ Chip size : 2.31 x 0.97 x 0.10 mm
x2
x2
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
8,0
8,5
9,0
9,5
10,0
Freq_in (GHz)
Pout_Fin
Pout_2xFin
Pout_4xFin
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
9
10
GHz
Fout
Output frequency range
36
40
GHz
Pin
Input power
12
dBm
Pout
Output power for +12dBm input power
9
11
dBm
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHX2092A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2092A UMS-CHX2092A Datasheet
149Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A Datasheet
105Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_07 Datasheet
149Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_15 Datasheet
105Kb / 6P
   10-40GHz Frequency Multiplier
More results

Similar Description - CHX2092A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2092A UMS-CHX2092A_07 Datasheet
149Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_15 Datasheet
105Kb / 6P
   10-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091 Datasheet
84Kb / 5P
   20-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091_04 Datasheet
76Kb / 5P
   20-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091_15 Datasheet
90Kb / 4P
   20-40GHz Frequency Multiplier
CHX1162-QDG UMS-CHX1162-QDG_15 Datasheet
394Kb / 10P
   20-40GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
logo
TEMEX
MOG01 TEMEX-MOG01 Datasheet
412Kb / 3P
   Frequency Multiplier by 10
logo
United Monolithic Semic...
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6125 AVAGO-AMMP-6125 Datasheet
424Kb / 9P
   10-24 GHz x2 Frequency Multiplier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com