Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND2050 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CND2050
Description  0.5-11.5 GHz Divide by 4 Static Prescaler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2050 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CND2050 Datasheet HTML 1Page - United Monolithic Semiconductors CND2050 Datasheet HTML 2Page - United Monolithic Semiconductors CND2050 Datasheet HTML 3Page - United Monolithic Semiconductors CND2050 Datasheet HTML 4Page - United Monolithic Semiconductors CND2050 Datasheet HTML 5Page - United Monolithic Semiconductors CND2050 Datasheet HTML 6Page - United Monolithic Semiconductors CND2050 Datasheet HTML 7Page - United Monolithic Semiconductors CND2050 Datasheet HTML 8Page - United Monolithic Semiconductors CND2050 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CND2050
0.5-11.5 GHz Divide by 4 prescaler
Ref. : DSCND20500257 -13-Sep.-00
6/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Characteristics (3)
Output power versus frequency
Bias current versus Vdd
Tamb= 25°C, Zo=50
, Vdd=5V or 3.3V ; Vss = 0 ; differential inputs or single input
SSB Phase noise versus Offset Frequency (Fin=4GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Offset frequency (Hz)
20
30
40
50
60
3
4
5
6
Vdd (V)
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F (GHz)
Vdd=5V
Vdd=3,3V


Similar Part No. - CND2050

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047 UMS-CND2047 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-99F/00 UMS-CND2047-99F/00 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAF/20 UMS-CND2047-DAF/20 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results

Similar Description - CND2050

ManufacturerPart #DatasheetDescription
logo
NEC
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
   5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
   DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
   DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
   DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
   DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
   DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com