Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS16GSDHC6V Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS16GSDHC6V
Description  4GB~16GB SDHC6 HD Video Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GSDHC6V Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS16GSDHC6V Datasheet HTML 1Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 2Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 3Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 4Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 5Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 6Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 7Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 8Page - Transcend Information. Inc. TS16GSDHC6V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HD Video Card Series
4GB~16GB SDHC6 HD Video Card
Transcend Information Inc.
4
Single card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fPP ≤ 20 MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
k
Ω
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only because they are
connected separately to the SD Memory Card host.
Host should consider total bus capacitance for each signal as the sum of CHOST, CBUS, and CCARD, these parameters are
defined by per signal. The host can determine CHOST and CBUS so that total bus capacitance is less than the card estimated
capacitance load (CL=40 pF). The SD Memory Card guarantees its bus timing when total bus capacitance is less than
maximum value of CL (40 pF).


Similar Part No. - TS16GSDHC6V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS16GSDHC6 TRANSCEND-TS16GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS16GSDHC6-P2 TRANSCEND-TS16GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Similar Description - TS16GSDHC6V

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
   4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
List of Unclassifed Man...
KVR18R13S8K4-16 ETC2-KVR18R13S8K4-16 Datasheet
124Kb / 2P
   16GB (4GB 1RX8 512M x 72-Bit x 4 pcs.) PC3-14900
KVR16R11S8K4-16I ETC2-KVR16R11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
KVR16LR11S8K4-16I ETC2-KVR16LR11S8K4-16I Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16LR11S8K4-16 ETC2-KVR16LR11S8K4-16 Datasheet
113Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3L-12800
KVR16R11S8K4-16 ETC2-KVR16R11S8K4-16 Datasheet
149Kb / 2P
   16GB (4GB 1Rx8 512M x 72-Bit x 4 pcs.) PC3-12800
logo
3PEAK INC.
TPF147 3PEAK-TPF147 Datasheet
1Mb / 13P
   TPF147 Selectable One HD/Full-HD Video Filter
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com